Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS-SMD-S32A-3528UEC Datasheet(PDF) 2 Page - BetLux Electronics

Part # TLS-SMD-S32A-3528UEC
Description  LED strip light, Mono color, Super Flux LED type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-SMD-S32A-3528UEC Datasheet(HTML) 2 Page - BetLux Electronics

  TLS-SMD-S32A-3528UEC Datasheet HTML 1Page - BetLux Electronics TLS-SMD-S32A-3528UEC Datasheet HTML 2Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
  
LED STRIP LIGHT, SMD 3528 LED type , MONO COLOR
TLS-SMD-S32A-3528
APPROVED : XU L CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 2
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
■  PCB OUTLINE AND DIMENSION
Notes:
・All dimensions are in millimeters (inches)
・Tolerance is ±0.25(0.01")unless otherwise noted.
・Specifications are subject to change without notice.


Similar Part No. - TLS-SMD-S32A-3528UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-SMD-S32A-5050 BETLUX-TLS-SMD-S32A-5050 Datasheet
338Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-SMD-S32A-5050BGC BETLUX-TLS-SMD-S32A-5050BGC Datasheet
338Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-SMD-S32A-5050PGC BETLUX-TLS-SMD-S32A-5050PGC Datasheet
338Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-SMD-S32A-5050UBC BETLUX-TLS-SMD-S32A-5050UBC Datasheet
338Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-SMD-S32A-5050UEC BETLUX-TLS-SMD-S32A-5050UEC Datasheet
338Kb / 2P
   LED strip light, Mono color, Super Flux LED type
More results

Similar Description - TLS-SMD-S32A-3528UEC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-FL-73 BETLUX-TLS-FL-73 Datasheet
77Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-FL-S40 BETLUX-TLS-FL-S40 Datasheet
132Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-FL-S40A BETLUX-TLS-FL-S40A Datasheet
76Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-FL-L40 BETLUX-TLS-FL-L40 Datasheet
130Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-SMD-S32A-5050 BETLUX-TLS-SMD-S32A-5050 Datasheet
338Kb / 2P
   LED strip light, Mono color, Super Flux LED type
TLS-SMD-10F BETLUX-TLS-SMD-10F Datasheet
99Kb / 2P
   LED strip light, Mono color, Top LED type, Flexible
TLS-F3-96 BETLUX-TLS-F3-96 Datasheet
54Kb / 1P
   Flexible LED strip light, Mono color, flat top LED type
TLS-R5-200 BETLUX-TLS-R5-200 Datasheet
122Kb / 2P
   LED strip light, Mono color, 5mm LEDs
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
   Flexible LED strip light, Mono color and RGB color
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
   LED strip light, Mono color, 1W high power LED Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com