Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600-15 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6600-15
Description  Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-15 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6600-15_15 Datasheet HTML 4Page - Linear Technology LT6600-15_15 Datasheet HTML 5Page - Linear Technology LT6600-15_15 Datasheet HTML 6Page - Linear Technology LT6600-15_15 Datasheet HTML 7Page - Linear Technology LT6600-15_15 Datasheet HTML 8Page - Linear Technology LT6600-15_15 Datasheet HTML 9Page - Linear Technology LT6600-15_15 Datasheet HTML 10Page - Linear Technology LT6600-15_15 Datasheet HTML 11Page - Linear Technology LT6600-15_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6600-15
9
660015fb
APPLICATIONS INFORMATION
supply rails, the input/output behavior of the IC shown
in Figure 6 is relatively independent of the power supply
voltage.
The two amplifiers inside the LT6600-15 have indepen-
dent control of their output common mode voltage (see
the Block Diagram section). The following guidelines will
optimize the performance of the filter.
Pin 7 must be bypassed to an AC ground with a 0.01μF or
larger capacitor. Pin 7 can be driven from a low impedance
source, provided it remains at least 1.5V above Vand at
least 1.5V below V+. An internal resistor divider sets the
voltage of Pin 7. While the internal 11k resistors are well
matched, their absolute value can vary by ±20%. This
should be taken into consideration when connecting an
external resistor network to alter the voltage of Pin 7.
Pin 2 can be shorted to Pin 7 for simplicity. If a different
common mode output voltage is required, connect Pin 2
to a voltage source or resistor network. For 3V and 3.3V
supplies the voltage at Pin 2 must be less than or equal to
the mid supply level. For example, voltage (Pin 2) ≤ 1.65V
on a single 3.3V supply. For power supply voltages higher
than 3.3V the voltage at Pin 2 should be within the voltage
of Pin 7 – 1V to the voltage of Pin 7 + 2V. Pin 2 is a high
impedance input.
The LT6600-15 was designed to process a variety of input
signals including signals centered around the mid-sup-
ply voltage and signals that swing between ground and
a positive voltage in a single supply system (Figure 1).
The range of allowable input common mode voltage (the
average of VIN+ and VIN– in Figure 1) is determined by
the power supply level and gain setting (see Distortion vs
Input Common Mode Level in the Typical Performance
Characteristics section).
Common Mode DC Currents
In applications like Figure 1 and Figure 3 where the
LT6600-15 not only provides lowpass filtering but also level
shifts the common mode voltage of the input signal, DC
currents will be generated through the DC path between
input and output terminals. Minimize these currents to
decrease power dissipation and distortion.
Consider the application in Figure 3. Pin 7 sets the output
common mode voltage of the 1st differential amplifier
inside the LT6600-15 (see the Block Diagram section) at
2.5V. Since the input common mode voltage is near 0V, there
will be approximately a total of 2.5V drop across the series
combination of the internal 536Ω feedback resistor and the
external 133Ω input resistor. The resulting 3.7mA common
mode DC current in each input path, must be absorbed by
the sources VIN+ and VIN–. Pin 2 sets the common mode
output voltage of the 2nd differential amplifier inside the
LT6600-15, and therefore sets the common mode output
voltage of the filter. Since, in the example of Figure 3, Pin 2
differs from Pin 7 by 0.5V, an additional 2.5mA (1.25mA
per side) of DC current will flow in the resistors coupling
the 1st differential amplifier output stage to filter output.
Thus, a total of 9.9mA is used to translate the common
mode voltages.
A simple modification to Figure 3 will reduce the DC com-
mon mode currents by 40%. If Pin 7 is shorted to Pin 2
the common mode output voltage of both op amp stages
will be 2V and the resulting DC current will be 6mA. Of
course, by AC coupling the inputs of Figure 3, the common
mode DC current can be reduced to 2.5mA.
Figure 6. Output Level vs Input Level,
Differential 1MHz Input, Gain = 1
1MHz INPUT LEVEL (VP-P)
0
20
0
–20
–40
–60
–80
–100
35
660015 F06
12
46
7
3RD HARMONIC
85°C
1dB COMPRESSION
POINTS
25°C
85°C
3RD HARMONIC
25°C
2ND HARMONIC, 25°C
2ND
HARMONIC
85°C


Similar Part No. - LT6600-15_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-15 LINER-LT6600-15 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT6600-15_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15_15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20 Datasheet
218Kb / 12P
   Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10_15 Datasheet
208Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-5 LINER-LT6604-5_15 Datasheet
193Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com