Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604-10 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6604-10
Description  Dual Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604-10 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6604-10 Datasheet HTML 5Page - Linear Technology LT6604-10 Datasheet HTML 6Page - Linear Technology LT6604-10 Datasheet HTML 7Page - Linear Technology LT6604-10 Datasheet HTML 8Page - Linear Technology LT6604-10 Datasheet HTML 9Page - Linear Technology LT6604-10 Datasheet HTML 10Page - Linear Technology LT6604-10 Datasheet HTML 11Page - Linear Technology LT6604-10 Datasheet HTML 12Page - Linear Technology LT6604-10 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6604-10
9
660410fb
APPLICATIONS INFORMATION
Interfacing to the LT6604-10
Note: The LT6604-10 contains two identical filters. The
following applications information only refers to one filter.
The two filters are independent except that they share
the same negative supply voltage V. The two filters
can be used simultaneously by replicating the example
circuits. The referenced pin numbers correspond to the
channel A filter.
The LT6604-10 channel requires two equal external resis-
tors, RIN,tosetthedifferentialgainto402Ω/RIN.Theinputs
to the filter are the voltages VIN+andVIN–presentedtothese
external components, Figure 1. The difference between VIN+
and VIN– is the differential input voltage. The average of
VIN+ and VIN– is the common mode input voltage. Simi-
larly, the voltages VOUT+ and VOUT– appearing at Pins 27
and 29 of the LT6604-10 are the filter outputs. The differ-
ence between VOUT+ and VOUT– is the differential output
voltage. The average of VOUT+ and VOUT– is the common
mode output voltage. Figure 1 illustrates the LT6604-10
operating with a single 3.3V supply and unity passband
gain; the input signal is DC coupled. The common mode
input voltage is 0.5V, and the differential input voltage is
2VP-P. The common mode output voltage is 1.65V, and the
differential output voltage is 2VP-P for frequencies below
10MHz. The common mode output voltage is determined
by the voltage at VOCM. Since VOCM is shorted to VMID,
the output common mode is the mid-supply voltage. In
addition, the common mode input voltage can be equal
to the mid-supply voltage of VMID.
Figure2showshowtoACcouplesignalsintotheLT6604-10.
In this instance, the input is a single-ended signal. AC
coupling allows the processing of single-ended or dif-
ferential signals with arbitrary common mode levels. The
0.1μF coupling capacitor and the 402Ω gain setting resistor
form a high pass filter, attenuating signals below 4kHz.
Larger values of coupling capacitors will proportionally
reduce this highpass 3dB frequency.
+
402Ω
402Ω
0.01μF
0.1μF
3.3V
+
VIN
VIN
+
25
27
4
34
6
2
29
7
660410 F01
VOUT
+
VOUT
V
t
3
2
1
VIN
+
VIN
V
t
3
2
1
VOUT
+
VOUT
0
0
1/2
LT6604-10
+
402Ω
402Ω
0.01μF
0.1μF
0.1μF
0.1μF
3.3V
+
VIN
+
25
27
4
34
6
2
29
7
660410 F02
VOUT
+
VOUT
V
3
2
2
1
V
t
1
0
0
–1
VIN
+
VOUT
+
VOUT
1/2
LT6604-10
Figure 1
Figure 2


Similar Part No. - LT6604-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results

Similar Description - LT6604-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5_15 Datasheet
207Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15_15 Datasheet
213Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6604-5 LINER-LT6604-5_15 Datasheet
193Kb / 16P
   Dual Very Low Noise, Differential Amplifier and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15_15 Datasheet
164Kb / 12P
   Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20 Datasheet
218Kb / 12P
   Very Low Noise, Differential Amplifier and 20MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com