Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5145A Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # 1N5145A
Description  GENERAL PURPOSE ABRUPT VARACTOR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

1N5145A Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  1N5145A Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5139 - 1N5148
1N5139A - 1N5148A
PART
CAPACITANCE @ 4 Vdc
CAPACITANCE RATIO
MIN QUALITY FACTOR
NUMBER
pF
C•4V / C•60V
Q @ 4 Vdc
MIN
NOM
MAX
MIN
f = 50 MHz
1N5139
6.12
6.8
7.48
2.7
350
♦ 1N5139A
6.46
6.8
7.14
2.7
350
1N5140
9.0
10.0
11.0
2.8
300
♦ 1N5140A
9.5
10.0
10.5
2.8
300
1N5141
10.8
12.0
13.2
2.8
300
♦ 1N5141A
11.4
12.0
12.6
2.8
300
1N5142
13.5
15.0
16.5
2.8
250
♦ 1N5142A
14.3
15.0
15.7
2.8
250
1N5143
16.2
18.0
19.8
2.8
250
♦ 1N5143A
17.1
18.0
18.9
2.8
250
1N5144
19.8
22.0
24.2
3.2
200
♦ 1N5144A
20.9
22.0
23.1
3.2
200
1N5145
24.3
27.0
29.7
3.2
200
♦ 1N5145A
25.7
27.0
28.3
3.2
200
1N5146
29.7
33.0
36.3
3.2
200
♦ 1N5146A
31.4
33.0
34.6
3.2
200
1N5147
36.1
39.0
42.9
3.2
200
♦ 1N5147A
37.1
39.0
40.9
3.2
200
1N5148
42.3
47.0
51.7
3.2
200
♦ 1N5148A
44.7
47.0
49.3
3.2
200
Package Style
DO-7
DC Power Dissipation (Pd)
400 mW
Forward Current (If)
250 mA
Min Reverse Breakdown Voltage (Bvr)
@ Ir = 10 µAdc
65 Vdc
Max Reverse Current (IR)
@ Vr = 55 Vdc
20 nAdc
Max Reverse Current (IR2)
@ Vr = 55 Vdc; Ta = 150°C
20 µAdc
Temp Coefficient of Capacitance
@ Vr=4 Vdc; Ta -40 to +85°C
.03%/°C
Operating Temperature Range (Topr)
-65 to + 175°C
Storage Temperature Range (Tstg)
-65 to + 200°C
Voltage Tolerance:
Standard Device
±10%
Suffix A
± 5%
♦ DENOTES MILITARY APPROVAL FOR JAN - JANTX - JANTXV


Similar Part No. - 1N5145A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5145A NJSEMI-1N5145A Datasheet
132Kb / 1P
   DIODE
logo
M/A-COM Technology Solu...
1N5145A MA-COM-1N5145A Datasheet
519Kb / 3P
   Flexible Axial-lead Mounting Terminals
More results

Similar Description - 1N5145A

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N5681 KNOX-1N5681 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5441 KNOX-1N5441 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
KSV2101 KNOX-KSV2101 Datasheet
33Kb / 1P
   GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com