Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1255 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1255
Description  Dual 24V High-Side MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255 Datasheet(HTML) 5 Page - Linear Technology

  LTC1255_15 Datasheet HTML 1Page - Linear Technology LTC1255_15 Datasheet HTML 2Page - Linear Technology LTC1255_15 Datasheet HTML 3Page - Linear Technology LTC1255_15 Datasheet HTML 4Page - Linear Technology LTC1255_15 Datasheet HTML 5Page - Linear Technology LTC1255_15 Datasheet HTML 6Page - Linear Technology LTC1255_15 Datasheet HTML 7Page - Linear Technology LTC1255_15 Datasheet HTML 8Page - Linear Technology LTC1255_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1255
PI FU CTIO S
Input Pin
The LTC1255 input pin is active high and activates all of
the protection and charge pump circuitry when switched
ON. The LTC1255 logic and shutdown inputs are high
impedance CMOS gates with ESD protection diodes to
ground and supply and therefore should not be forced
beyond the power supply rails. The input pin should be
held low during the application of power to properly set
the input latch.
Gate Drive Pin
The gate drive pin is either driven to ground when the
switch is turned OFF or driven above the supply rail
when the switch is turned ON. This pin is of relatively
high impedance when driven above the rail (the equiva-
lent of a few hundred k
Ω). Care should be taken to
minimize any loading of this pin by parasitic resistance
to ground or supply.
Supply Pin
The supply pin of the LTC1255 serves two vital pur-
poses. The first is obvious; it powers the input, gate
drive, regulation and protection circuitry. The second
purpose is less obvious; it provides a Kelvin connection
to the top of the drain sense resistor for the internal
100mV reference.
The supply pin of the LTC1255 should never be forced
below ground as this may result in permanent damage
to the device. A 100
Ω resistor should be inserted in
series with the ground pin if negative supply voltage
transients are anticipated.
The LTC1255 is designed to be continuously powered
so that the gate of the MOSFET is actively driven at all
times. If it is necessary to remove power from the
supply pin and then reapply it, the input pin should be
cycled (low to high) a few milliseconds
after the power
is reapplied to reset the input latch and protection
circuitry. Also, the input pin should be isolated from the
controlling logic by a 10k resistor if there is a possibility
that the input pin will be held high after the supply has
been removed.
Drain Sense Pin
The drain sense pin is compared against the supply pin
voltage. If the voltage at this pin is more than 100mV
below the supply pin, the input latch will be reset and
the MOSFET gate will be quickly discharged. Cycle the
input to reset the short-circuit latch and turn the MOSFET
back on.
This pin is also a high impedance CMOS gate with ESD
protection and therefore should not be forced outside
of the power supply rails. To defeat the overcurrent
protection, short the drain sense pin to the supply pin.
Some loads, such as large supply capacitors, lamps or
motors require high in-rush currents. An RC time delay
can be added between the sense resistor and the drain
sense pin to ensure that the drain sense circuitry does
not false trigger during startup. This time constant can
be set from a few microseconds to many seconds.
However, very long delays may put the MOSFET at risk
of being destroyed by a short-circuit condition (see
Applications Information section).
OPERATIO
The LTC1255 is a dual 24V MOSFET driver with built-in
protection and gate charge pump. The LTC1255 consists
of the following functional blocks:
TTL and CMOS Compatible Inputs and Latches
The LTC1255 inputs have been designed to accommo-
date a wide range of logic families. Both input thresh-
olds are set at about 1.3V with approximately 100mV of
hysteresis. A low standby current regulator provides
continuous bias for the TTL-to-CMOS converter.
The input/protection latch should be set after initial
power-up, or after reapplication of power, by cycling
the input low to high.


Similar Part No. - LTC1255_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1255C LINER-LTC1255C Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255CN8 LINER-LTC1255CN8 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255CS8 LINER-LTC1255CS8 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255I LINER-LTC1255I Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255IN8 LINER-LTC1255IN8 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
More results

Similar Description - LTC1255_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
   Dual High Side Micropower MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Linear Technology
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
Analog Devices
LTC7067 AD-LTC7067 Datasheet
617Kb / 14P
   150V Dual High-Side MOSFET Gate Driver
Rev. 0
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com