Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT10647FB Datasheet(PDF) 1 Page - Linear Technology

Part # LT10647FB
Description  Linear Phase, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT10647FB Datasheet(HTML) 1 Page - Linear Technology

  LT10647FB Datasheet HTML 1Page - Linear Technology LT10647FB Datasheet HTML 2Page - Linear Technology LT10647FB Datasheet HTML 3Page - Linear Technology LT10647FB Datasheet HTML 4Page - Linear Technology LT10647FB Datasheet HTML 5Page - Linear Technology LT10647FB Datasheet HTML 6Page - Linear Technology LT10647FB Datasheet HTML 7Page - Linear Technology LT10647FB Datasheet HTML 8Page - Linear Technology LT10647FB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1064-7
10647fb
Linear Phase, 8th Order
Lowpass Filter
Steeper Roll-Off Than 8th Order Bessel Filters
fCUTOFF up to 100kHz
Phase Equalized Filter in 14-Pin Package
Phase and Group Delay Response Fully Tested
Transient Response Exhibits 5% Overshoot and
No Ringing
Wide Dynamic Range
72dB THD or Better Throughout a 50kHz Passband
No External Components Needed
Available in 14-Pin DIP and 16-Pin SO Wide
Packages
The LTC
®1064-7 is a clock-tunable monolithic 8th order
lowpass filter with linear passband phase and flat group
delay. The amplitude response approximates a maximally
flat passband while it exhibits steeper roll-off than an
equivalent 8th order Bessel filter. For instance, at twice the
cutoff frequency the filter attains 34dB attenuation (vs
12dB for Bessel), while at three times the cutoff frequency,
the filter attains 68dB attenuation (vs 30dB for Bessel).
The cutoff frequency of the LTC1064-7 is tuned via an
external TTL or CMOS clock.
The LTC1064-7 features wide dynamic range. With single
5V supply, the S/N + THD is 76dB. Optimum 92dB S/N is
obtained with
±7.5V supplies.
The clock-to-cutoff frequency ratio of the LTC1064-7 can
be set to 50:1 (Pin 10 to V+) or 100:1 (Pin 10 to V ).
When the filter operates at clock-to-cutoff frequency ratio
of 50:1, the input is double-sampled to lower the risk of
aliasing.
The LTC1064-7 is pin-compatible with the LTC1064-X
series, LTC1164-7 and LTC1264-7.
Data Communication Filters
Time Delay Networks
Phase-Matched Filters
80kHz Linear Phase Lowpass Filter
Eye Diagram
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1064-7
VIN
7.5V
–7.5V
CLK = 4MHz
7.5V
VOUT
NOTE: THE POWER SUPPLIES SHOULD BE BYPASSED BY A
0.1
µF CAPACITOR CLOSE TO THE PACKAGE AND ANY PRINTED
CIRCUIT BOARD ASSEMBLY SHOULD MAINTAIN A DISTANCE
OF AT LEAST 0.2 INCHES BETWEEN ANY OUTPUT OR INPUT
PIN AND THE fCLK LINE.
1064-7 TA01
1064-7 TA02
1
µs/DIV
VS = ±7.5V
fCLK = 4MHz
RATIO = 50:1
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT10647FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT106 ETC-LT106 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
More results

Similar Description - LT10647FB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com