Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4101
Description  LIN communication with STM8A-DISCOVERY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4101 Datasheet HTML 2Page - STMicroelectronics AN4101 Datasheet HTML 3Page - STMicroelectronics AN4101 Datasheet HTML 4Page - STMicroelectronics AN4101 Datasheet HTML 5Page - STMicroelectronics AN4101 Datasheet HTML 6Page - STMicroelectronics AN4101 Datasheet HTML 7Page - STMicroelectronics AN4101 Datasheet HTML 8Page - STMicroelectronics AN4101 Datasheet HTML 9Page - STMicroelectronics AN4101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Introduction to the LIN bus
AN4101
6/21
Doc ID 23127 Rev 1
2.3
LIN frame
LIN is based on the standard UART format, with 1 start bit, 8 data bits (LSB first), and 1 stop
bit.
Figure 1.
LIN frame
The LIN frame is composed of a header and a response.
The header consists of:
the Break field
the Synch field
the Protected Identifier field
The response consists of:
from 1 to 8 bytes of data
1 checksum byte
Figure 2.
LIN frame header and response
The header is always sent by the master node. The response is sent by only one node:
either the master node, or one of the slave nodes.
The node sending a frame response is called the publisher. There is always only one
publisher for each frame.
A node interested in a frame response is called a subscriber. There can be several
subscribers for a frame.
MSv31513V1
Byte field
Start
bit
LSB
(bit 0)
MSB
(bit 7)
Stop
bit
MSv31514V1
Frame
Header
Response
Response space
Break
field
Sync
field
Protected
identifier
field
Inter-byte space
Inter-byte spaces
Data 1
Data 2
Data N
Checksum


Similar Part No. - AN4101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
   Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
AN4104 STMICROELECTRONICS-AN4104 Datasheet
96Kb / 13P
   Using the STM32F0xx DMA controller
logo
Fairchild Semiconductor
AN4105 FAIRCHILD-AN4105 Datasheet
368Kb / 22P
   Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
logo
STMicroelectronics
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
   This document describes a 12 V-1 A power supply
More results

Similar Description - AN4101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
   STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
November 2012
UM1574 STMICROELECTRONICS-UM1574 Datasheet
1Mb / 48P
   Discovery kit for STM8A microcontrollers
November 2012 Rev 1
B-L475E-IOT01A STMICROELECTRONICS-B-L475E-IOT01A Datasheet
279Kb / 4P
   Discovery kit for IoT node, multi-channel communication with STM32L4
July 2018
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
logo
Yamar Electronics Ltd.
SIG40 YAMAR-SIG40 Datasheet
134Kb / 12P
   for DC-LIN Asynchronous Communication Over Noisy Lines
logo
STMicroelectronics
AN2752 STMICROELECTRONICS-AN2752 Datasheet
2Mb / 40P
   Getting started with the STM8S and STM8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com