Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-6 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1164-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1164-6_15 Datasheet HTML 3Page - Linear Technology LTC1164-6_15 Datasheet HTML 4Page - Linear Technology LTC1164-6_15 Datasheet HTML 5Page - Linear Technology LTC1164-6_15 Datasheet HTML 6Page - Linear Technology LTC1164-6_15 Datasheet HTML 7Page - Linear Technology LTC1164-6_15 Datasheet HTML 8Page - Linear Technology LTC1164-6_15 Datasheet HTML 9Page - Linear Technology LTC1164-6_15 Datasheet HTML 10Page - Linear Technology LTC1164-6_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1164-6
11646fa
PI FU CTIO S (14-Lead Dual-In-Line Package)
buffer, Figure 3,can be used provided that its input common
mode range is well within the filter’s output swing. Pin 6 is
an intermediate filter output providing an unspecified 6th
order lowpass filter. Pin 6 should not be loaded.
ELLIPTIC/LINEAR PHASE (Pin 10): The DC level at this pin
selects the desired filter response, elliptic or linear phase
and determines the ratio of the clock frequency to the
cutoff frequency of the filter. Pin 10 connected to V
provides an elliptic lowpass filter with clock-to-fCUTOFF
ratio of 100:1. Pin 10 connected to analog ground pro-
vides a linear phase lowpass filter with a clock- to-f–3dB
ratio of 160:1 and a transient response overshoot of 1%.
When Pin 10 is connected to V+ the clock-to-fCUTOFF ratio
is 50:1 and the filter response is elliptic. Bypassing Pin 10
to analog ground reduces the output DC offsets. If the DC
level at Pin 10 is switched mechanically or electrically at
slew rates greater than 1V/
µswhilethedeviceisoperating,
a 10k resistor should be connected between Pin 10 and the
DC source.
CLK (Pin 11): Any TTL or CMOS clock source with a
square-wave output and 50% duty cycle (
±10%) is an
adequate clock source for the device. The power supply for
the clock source should not be the filter’s power supply.
The analog ground for the filter should be connected to
clock’s ground at a single point only. Table 1 shows the
clock’s low and high level threshold value for a dual or
single supply operation. A pulse generator can be used as
a clock source provided the high level ON time is greater
than 0.5
µs. Sine waves are not recommended for clock
input frequencies less than 100kHz, since excessively
slow clock rise or fall times generate internal clock jitter
(maximum clock rise or fall time
≤ 1µs). The clock signal
should be routed from the right side of the IC package to
avoid coupling into any input or output analog signal path.
A 1k resistor between clock source and Pin 11 will slow
down the rise and fall times of the clock to further reduce
charge coupling, Figures 1 and 2.
1k
1164-6 F03
LT1006, fC < 5kHz
LT1200, fC > 5kHz
Figure 3. Buffer for Filter Output
V(Pins 7, 14): Pins 7 and 14 should be connected
together. In a printed circuit board the connection should
be done under the IC package through a short trace
surrounded by the analog ground plane.
VOUT (Pins 9, 6): Pin 9 is the specified output of the filter;
it can typically source or sink 1mA. Driving coaxial cables
or resistive loads less than 20k will degrade the total
harmonicdistortionofthefilter.Whenevaluatingthedevice’s
distortion an output buffer is required. A noninverting
could go above ground, a signal diode must be used to
clamp V. Figures 1 and 2 show typical connections for dual
and single supply operation.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
1k
V
VOUT
LTC1164-6
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
*
1164-6 F01
* OPTIONAL
0.1
µF
0.1
µF
Figure 1. Dual Supply Operation for fCLK/fCUTOFF = 100:1
Table 1. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±7.5V
≥ 2.18V
≤ 0.5V
Dual Supply =
±5V
≥ 1.45V
≤ 0.5V
Dual Supply =
±2.5V
≥ 0.73V
≤ – 2.0V
Single Supply = 12V
≥ 7.80V
≤ 6.5V
Single Supply = 5V
≥ 1.45V
≤ 0.5V
Figure 2. Single Supply Operation for fCLK/fCUTOFF = 100:1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
1k
VOUT
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
1164-6 F02
+
LTC1164-6
0.1
µF
1
µF
10k
10k


Similar Part No. - LTC1164-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com