Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4104 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4104
Description  Using the STM32F0xx DMA controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4104 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4104 Datasheet HTML 5Page - STMicroelectronics AN4104 Datasheet HTML 6Page - STMicroelectronics AN4104 Datasheet HTML 7Page - STMicroelectronics AN4104 Datasheet HTML 8Page - STMicroelectronics AN4104 Datasheet HTML 9Page - STMicroelectronics AN4104 Datasheet HTML 10Page - STMicroelectronics AN4104 Datasheet HTML 11Page - STMicroelectronics AN4104 Datasheet HTML 12Page - STMicroelectronics AN4104 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN4104
DMA programming examples
Doc ID 023131 Rev 1
11/13
configured to be triggered by TIM2 TRGO triggers and without noise/triangle wave
generation. 12bit right data alignment is selected since we choose to access DAC_DHR12R
register.
3.4
SPI DMA example: communication between two SPIs using
DMA
This example provides an SPI communications using DMA.
In master board, the SPI peripheral is configured as Master full duplex with DMA and NSS
hardware mode.
The TIM2 is configured to generate 4 KHz PWM signal with 50% duty cycle on TIM2_CH2
pin (PA.01), this signal is used as DMA trigger and as NSS signal input to latch the SPI data
transfers. Whereas in Slave board, the SPI peripheral is configured as Slave Full duplex with
DMA and NSS hardware mode.
The Master sends the specific command to the Slave using the TIM2_CH2 DMA
request (DMA1_Channel3) (the command contains the transaction code
(CMD_RIGHT, CMD_LEFT, CMD_UP, CMD_DOWN or CMD_SEL) and receives the
ACK command from the Slave using SPI_Rx DMA request (DMA1_Channel2).
The Slave receives the command using SPI_Rx DMA request (DMA1_Channel2) and
sends the ACK command using the SPI_Tx DMA request (DMA1_Channel3).
3.5
USART communication boards data exchange using DMA
example
This example provides a small application of USART communications using DMA.
In both boards, the data transfers is managed using the USART Tx/Rx channels DMA
requests.


Similar Part No. - AN4104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4101 STMICROELECTRONICS-AN4101 Datasheet
188Kb / 21P
   LIN communication with STM8A-DISCOVERY
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
   Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
logo
Fairchild Semiconductor
AN4105 FAIRCHILD-AN4105 Datasheet
368Kb / 22P
   Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
logo
STMicroelectronics
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
   This document describes a 12 V-1 A power supply
More results

Similar Description - AN4104

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
   Using the STR91xFA DMA controller
AN4031 STMICROELECTRONICS-AN4031 Datasheet
1Mb / 36P
   Using the STM32F2 and STM32F4 DMA controller
logo
NEC
UPD71071 NEC-UPD71071 Datasheet
1Mb / 37P
   DMA Controller
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Toshiba Semiconductor
TMP82C37A TOSHIBA-TMP82C37A Datasheet
1Mb / 65P
   MULTIMODE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
OKI electronic componet...
MSM82C37B-5RS OKI-MSM82C37B-5RS Datasheet
301Kb / 34P
   PROGRAMMABLE DMA CONTROLLER
logo
Zarlink Semiconductor I...
MV6001 ZARLINK-MV6001 Datasheet
266Kb / 12P
   HDLC/DMA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com