Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD70F3025AGC-25-8EU Datasheet(PDF) 1 Page - NEC

Part # UPD70F3025AGC-25-8EU
Description  V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3025AGC-25-8EU Datasheet(HTML) 1 Page - NEC

  UPD70F3025AGC-25-8EU Datasheet HTML 1Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 2Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 3Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 4Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 5Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 6Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 7Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 8Page - NEC UPD70F3025AGC-25-8EU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
©
1998
DATA SHEET
The mark
shows major revised points.
MOS INTEGRATED CIRCUIT
µPD70F3003A, 70F3025A
V853TM
32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Document No. U13189EJ3V0DS00 (3rd edition)
Date Published May 2000 N CP(K)
Printed in Japan
DESCRIPTION
The
µPD70F3003A and µPD70F3025A have a flash memory instead of the internal mask ROM of the µPD703003A/
703004A and
µPD703025A, respectively. This model is useful for small-scale production of a variety of application
sets or early start of production since the program can be written and erased by the user even with the
µPD70F3003
mounted on the board.
Functions in detail are described in the following user’s manuals. Be sure to read these manuals when
you design your systems.
V853 User’s Manual-Hardware
: U10913E
V850 FamilyTM User’s Manual-Architecture : U10243E
FEATURES
• Compatible with
µPD703003A, 703004A and 703025A
• Can be replaced with mask ROM model for mass production of application set
µPD70F3003A → µPD703003A, 703004A
µPD70F3025A → µPD703025A
• Internal memory
Flash memory: 128K bytes (
µPD70F3003A)
256K bytes (
µPD70F3025A)
Remark For differences among the products, refer to 1. DIFFERENCES AMONG PRODUCT.
ORDERING INFORMATION
Part Number
Package
Maximum Operating Frequency (MHz)
µPD70F3003AGC-25-8EU
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
25
µPD70F3003AGC-33-8EU
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
33
µPD70F3025AGC-25-8EUNote
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
25
µPD70F3025AGC-33-8EUNote
100-pin plastic LQFP (fine pitch) (14
× 14 mm)
33
Note Under development
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Similar Part No. - UPD70F3025AGC-25-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F30025AGC-25 NEC-UPD70F30025AGC-25 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
UPD70F30025AGC-33 NEC-UPD70F30025AGC-33 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Renesas Technology Corp
UPD70F3003A RENESAS-UPD70F3003A Datasheet
467Kb / 49P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD70F3004AGC-25 NEC-UPD70F3004AGC-25 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
UPD70F3004AGC-33 NEC-UPD70F3004AGC-33 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
More results

Similar Description - UPD70F3025AGC-25-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003 NEC-UPD703003 Datasheet
452Kb / 82P
   V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Infineon Technologies A...
XC2269I INFINEON-XC2269I Datasheet
1Mb / 134P
   16/32-Bit Single-Chip Microcontroller
V1.3, 2014-07
XC2288I INFINEON-XC2288I Datasheet
1Mb / 145P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2200 INFINEON-XC2200 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
XC2361B INFINEON-XC2361B_14 Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
XC2700 INFINEON-XC2700 Datasheet
1Mb / 62P
   16/32-Bit Single-Chip Microcontroller
V1.7 2014-10
XC2788X INFINEON-XC2788X Datasheet
1Mb / 140P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
XC2230L INFINEON-XC2230L_15 Datasheet
2Mb / 112P
   16/32-Bit Single-Chip Microcontroller
V1.3 2015-02
XC2268I INFINEON-XC2268I Datasheet
1Mb / 132P
   16/32-Bit Single-Chip Microcontroller
V1.3 2014-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com