Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4148 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4148
Description  Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4148 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4148 Datasheet HTML 5Page - STMicroelectronics AN4148 Datasheet HTML 6Page - STMicroelectronics AN4148 Datasheet HTML 7Page - STMicroelectronics AN4148 Datasheet HTML 8Page - STMicroelectronics AN4148 Datasheet HTML 9Page - STMicroelectronics AN4148 Datasheet HTML 10Page - STMicroelectronics AN4148 Datasheet HTML 11Page - STMicroelectronics AN4148 Datasheet HTML 12Page - STMicroelectronics AN4148 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Receiver parameter
AN4148
10/13
Doc ID 023517 Rev 1
4
Receiver parameter
ARIB compliance in ARIB STD-T93 [
2] in the 312 to 315.25 MHz band only pertains to
emissions and harmonics. There are no receiver sensitivity, selectivity or blocking
measurements to comply with ARIB STD-T93 standard [
2].
4.1
Conducted spurious component at receiver
Spurious radiation from the receiver are components at any frequency, radiated by the
equipment. The spurious emission strength at the antenna input must be less than the
values in
Table 2.
The measurement results are shown in
Figure 6 and 7. All standard requirements are met
from the SPIRIT1 in receiver mode.
Figure 6.
TX spurious emission below 1 GHz
Figure 7.
TX spurious emission above 1 GHz
AM13278v1
-70
-65
-60
-55
-50
-45
-40
0.0E+00
1.0E+08
2.0E+083.0E+08
4.0E+08
5.0E+08
6.0E+08
7.0E+088.0E+08
9.0E+08
1.0E+09
Frequency [Hz]
Output power
ARIB mask
AM13279v1
-70
-65
-60
-55
-50
-45
-40
1.0E+09
1.5E+09
2.0E+09
2.5E+09
3.0E+09
3.5E+09
4.0E+09
4.5E+09
5.0E+09
Frequency [Hz]
Output power
ARIB mask


Similar Part No. - AN4148

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
More results

Similar Description - AN4148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
   Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
AN4147 STMICROELECTRONICS-AN4147 Datasheet
836Kb / 14P
   Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
   Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
   Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender
STEVAL-IKR001V4 STMICROELECTRONICS-STEVAL-IKR001V4 Datasheet
237Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (868 MHz band)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com