Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5696 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # 1N5696
Description  GENERAL PURPOSE ABRUPT VARACTOR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

1N5696 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  1N5696 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5681 TO 1N5709
PART
CAPACITANCE
MIN QUALITY FACTOR
CAPACITANCE RATIO
MAX WORKING
MIN REVERSE
NUMBER
@ 4Vdc
@ 4Vdc
2V / 40V
4V / 60V
VOLTAGE
BREAKDOWN VOLTAGE
1 MHz (pF)
F = 50 MHz
MIN TYP
MIN
TYP
(Vdc)
Ir = 10µA (Vdc)
1N5681
6.8
600
3.1
3.3
40
45
1N5682
8.2
600
3.1
3.3
40
45
1N5683
10.0
550
3.2
3.4
40
45
1N5684
12.0
550
3.2
3.4
40
45
1N5685
15.0
550
3.2
3.4
40
45
1N5686
18.0
500
3.2
3.4
40
45
1N5687
22.0
500
3.3
3.5
40
45
1N5688
27.0
500
3.3
3.5
40
45
1N5689
33.0
500
3.3
3.5
40
45
1N5690
39.0
450
3.3
3.5
40
45
1N5691
47.0
400
3.3
3.5
40
45
1N5692
56.0
300
3.3
3.5
40
45
1N5693
68.0
250
3.3
3.5
40
45
1N5694
82.0
225
3.3
3.5
40
45
1N5695
100.0
200
3.3
3.5
40
45
1N5696
6.8
450
2.7
2.9
60
65
1N5697
8.2
450
2.7
2.9
60
65
1N5698
10.0
400
2.8
3.0
60
65
1N5699
12.0
400
2.8
3.0
60
65
1N5700
15.0
400
2.8
3.0
60
65
1N5701
18.0
375
2.8
3.0
60
65
1N5702
22.0
375
3.2
3.4
60
65
1N5703
27.0
350
3.2
3.4
60
65
1N5704
33.0
350
3.2
3.4
60
65
1N5705
39.0
325
3.2
3.4
60
65
1N5706
47.0
300
3.2
3.4
60
65
1N5707
56.0
225
3.2
3.4
60
65
1N5708
68.0
175
3.2
3.4
60
65
1N5709
82.0
150
3.2
3.4
60
65
Package Style
DO-7
DC Power Dissipation
400 mW
Max Reverse Current (IR)
@ Ta = 25°C
20 nA @ MWV
Max Reverse Current (IR2)
@ Ta = 150°C
20 µA @ MWV
Operating Temperature (Topr)
-65 to + 175°C
Storage Temperature (Tstg)
-65 to + 200°C
Capacitance Tolerance:
Standard Device
±20%
Suffix A
±±10%
Suffix B
±±5%


Similar Part No. - 1N5696

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5690A NJSEMI-1N5690A Datasheet
443Kb / 1P
   D0-7 Diode
1N5691A NJSEMI-1N5691A Datasheet
443Kb / 1P
   D0-7 Diode
1N5692A NJSEMI-1N5692A Datasheet
443Kb / 1P
   D0-7 Diode
1N5693A NJSEMI-1N5693A Datasheet
443Kb / 1P
   D0-7 Diode
1N5694A NJSEMI-1N5694A Datasheet
443Kb / 1P
   D0-7 Diode
More results

Similar Description - 1N5696

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N5139 KNOX-1N5139 Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
1N5441 KNOX-1N5441 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
KSV2101 KNOX-KSV2101 Datasheet
33Kb / 1P
   GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com