Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2903-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2903-1
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2903-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2903-1 Datasheet HTML 3Page - Linear Technology LTC2903-1 Datasheet HTML 4Page - Linear Technology LTC2903-1 Datasheet HTML 5Page - Linear Technology LTC2903-1 Datasheet HTML 6Page - Linear Technology LTC2903-1 Datasheet HTML 7Page - Linear Technology LTC2903-1 Datasheet HTML 8Page - Linear Technology LTC2903-1 Datasheet HTML 9Page - Linear Technology LTC2903-1 Datasheet HTML 10Page - Linear Technology LTC2903-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC2903-1
29031f a
TI I G DIAGRA
VRTX
tUV
tRST
1.5V
29031 TD
VX
RST
PI FU CTIO S
V1 (Pin 1): Voltage Input 1. Internal VCC is generated from
the greater voltage on the V1 and V2 inputs. VCC = V1 for
options D1 and E1. Bypass this pin to ground with a 0.1µF
(or greater) capacitor.
GND (Pin 2): Ground.
V2 (Pin 3): Voltage Input 2. Internal VCC is generated from
the greater voltage on the V1 and V2 inputs. VCC = V1 for
options D1 and E1. For option A1, B1, C1 bypass this pin
to ground with a 0.1µF (or greater) capacitor. V2 is an
adjustable input for options D1 and E1. See Table 1b for
recommended ADJ resistor values.
V3 (Pin 4): Voltage Input 3. This input assists the RST pull-
down circuitry below 1V (for options A1, B1 and C1 only).
V3 is an adjustable input for options D1 and E1. See Table
1b for recommended ADJ resistor values.
V4 (Pin 5): Voltage Input 4. Table 1 lists the recommended
ADJ resistor values for options A1, B1 and C1. See Table
1b for options D1 and E1.
RST (Pin 6): Reset Logic Output. Pulls low when any volt-
age input is below reset threshold and held low for 200ms
after all voltage inputs exceed threshold. The pin contains
a weak pull-up to V2 (V1 for options D1 and E1). Use an
external pull-up for faster rise times or output voltages
greater than V2 (V1 for options D1 and E1).


Similar Part No. - LTC2903-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2903-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Linear Technology
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com