Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2905 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2905
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905 Datasheet(HTML) 1 Page - Linear Technology

  LTC2905_15 Datasheet HTML 1Page - Linear Technology LTC2905_15 Datasheet HTML 2Page - Linear Technology LTC2905_15 Datasheet HTML 3Page - Linear Technology LTC2905_15 Datasheet HTML 4Page - Linear Technology LTC2905_15 Datasheet HTML 5Page - Linear Technology LTC2905_15 Datasheet HTML 6Page - Linear Technology LTC2905_15 Datasheet HTML 7Page - Linear Technology LTC2905_15 Datasheet HTML 8Page - Linear Technology LTC2905_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2904/LTC2905
1
29045fd
TYPICAL APPLICATION
DESCRIPTION
Precision Dual Supply
Monitors with Pin-Selectable
Thresholds
The LTC®2904/LTC2905 are dual supply monitors in-
tended for systems with two supply voltages. The dual
supply monitors have a common reset output with delay
(200ms for the LTC2904 and adjustable using an exter-
nal capacitor for the LTC2905). This product provides a
precise, space-conscious and micropower solution for
supply monitoring.
The LTC2904/LTC2905 feature a tight 1.5% threshold
accuracy over the whole operating temperature range, and
glitch immunity to ensure reliable reset operation without
false triggering. The open drain RST output is guaranteed
to be in the correct state for inputs down to 1V.
The LTC2904/LTC2905 also feature three programming
input pins, which program the threshold and tolerance level
without requiring any external components. These three
programming pins provide a total of 27 different voltage
level and tolerance combinations, eliminating the need to
have different parts for development and implementation
of different systems with different voltage levels requiring
monitoring function.
5V, 3.3V Dual Supply Monitor with 5% Tolerance
FEATURES
APPLICATIONS
n Monitors Two Inputs Simultaneously
n Nine Threshold Combinations
n Three Supply Tolerances (5%, 7.5%, 10%)
n Guaranteed Threshold Accuracy:
±1.5% of
Monitored Voltage Over Temperature
n Internal VCC Auto Select
n Power Supply Glitch Immunity
n 200ms Reset Time Delay (LTC2904 Only)
n Adjustable Reset Time Delay (LTC2905 Only)
n Open Drain RST Output
n Guaranteed RST for V1 ≥ 1V or V2 ≥ 1V
n Low Profile (1mm) SOT-23 (ThinSOT™) and
Plastic (3mm
× 2mm) DFN Packages
n Desktop and Notebook Computers
n Handheld Devices
n Network Servers
n Core, I/O Monitor
Table 1. Voltage Threshold Programming
V1
V2
S1
S2
5.0
3.3
V1
V1
3.3
2.5
Open
GND
3.3
1.8
V1
Open
3.3
1.5
Open
V1
3.3
1.2
Open
Open
2.5
1.8
GND
GND
2.5
1.5
GND
Open
2.5
1.2
GND
V1
2.5
1.0
V1
GND
V1
S1
S2
TOL
V2
TMR
GND
RST
LTC2905
22nF
0.1μF
0.1μF
DC/DC
CONVERTER
SYSTEM
LOGIC
29045 TA01
3.3V
5V
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2905_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2905CDDB LINER-LTC2905CDDB Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905CDDBTRMPBF LINER-LTC2905CDDBTRMPBF Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905CDDBTRPBF LINER-LTC2905CDDBTRPBF Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905CTS8 LINER-LTC2905CTS8 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905CTS8TRMPBF LINER-LTC2905CTS8TRMPBF Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results

Similar Description - LTC2905_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2907 LINER-LTC2907_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com