Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V915 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # V915
Description  ULTRA-LOW LEAKAGE ABRUPT VARACTOR DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

V915 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  V915 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
ULTRA-LOW LEAKAGE ABRUPT VARACTOR DIODES
V907 - V900
V907E - V900E
PART
CAPACITANCE
TYP. CAPACITANCE
MAX WORKING
MIN BREAKDOWN
NUMBER
@ 4 Vdc
RATIO
VOLTAGE
VOLTAGE
1 MHz (pF)
C•0.5V / C•MWV
(Vdc)
Ir = 100µA (Vdc)
V907
7
4.1
25
28
V910
10
4.1
25
28
V912
12
4.2
25
28
V915
15
4.2
25
28
V920
20
3.9
20
22
V927
27
4.0
20
22
V933
33
4.1
20
22
V939
39
4.1
20
22
V947
47
3.9
20
22
V956
56
3.5
15
17
V968
68
3.5
15
17
V982
82
3.5
15
17
V900
100
3.5
15
17
V907E
7
6.9
100
110
V910E
10
6.9
100
110
V912E
12
7.5
100
110
V915E
15
7.5
100
110
V920E
20
7.9
90
99
V927E
27
7.4
65
72
V933E
33
6.5
60
66
V939E
39
6.3
55
61
V947E
47
6.1
50
55
V956E
56
5.7
40
44
V968E
68
4.6
30
33
V982E
82
4.0
20
22
V900E
100
4.0
20
22
Package Style
DO-7
Forward Voltage Drop
@ 100 mA
1.0 Vdc
DC Power Dissipation
@ Ta = 25° C
400 mW
Max Reverse Current
@ MWV
5 nA
Operating Temperature (Topr)
-65 to + 150° C
Storage Temperature (Tstg)
-65 to + 200° C
Capacitance Tolerance:
Standard Device
±20%


Similar Part No. - V915

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
V915 MA-COM-V915 Datasheet
452Kb / 2P
   Ultra-Low Leakage
V915E MA-COM-V915E Datasheet
452Kb / 2P
   Ultra-Low Leakage
More results

Similar Description - V915

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
   ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
   ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
   GaAs Abrupt Varactor Diodes
logo
Knox Semiconductor, Inc
1N5681 KNOX-1N5681 Datasheet
37Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
1N5139 KNOX-1N5139 Datasheet
36Kb / 1P
   GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MTV4045-X MA-COM-MTV4045-X Datasheet
673Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com