Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER104 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HER104
Description  High Efficiency Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER104 Datasheet(HTML) 1 Page - Leshan Radio Company

  HER104_15 Datasheet HTML 1Page - Leshan Radio Company HER104_15 Datasheet HTML 2Page - Leshan Radio Company HER104_15 Datasheet HTML 3Page - Leshan Radio Company HER104_15 Datasheet HTML 4Page - Leshan Radio Company HER104_15 Datasheet HTML 5Page - Leshan Radio Company HER104_15 Datasheet HTML 6Page - Leshan Radio Company HER104_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* Ideally suited for use in very high frequency switching
* power supplies, inverters and as free wheeling diodes
* Ultrafast recovery time for high efficiency
* Excellent high temperature switching
* Soft recovery characteristics
* Diffused junction
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-41, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.012 oz., 0.34 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HER
101
HER
102
HER
103
HER
104
HER
105
HER
106
HER
107
HER
108
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
HER
101
HER
102
HER
103
HER
104
HER
105
HER
106
HER
107
HER
108
Unit
Maximum instantaneous forward voltage at 1.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
10
100
70
50
17
HER101 thru HER108
30
100
50
–50 to +150
1.0
1.00
1.30
1.85
High Efficiency Rectifiers
Reverse Voltage 50 to 1000V
Forward Current 1.0A
LESHAN RADIO COMPANY, LTD.
1/3
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - HER104_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
HER104R1 SECOS-HER104R1 Datasheet
199Kb / 2P
   1.0 AMP High Efficiency Rectifier
More results

Similar Description - HER104_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com