Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S28A-11S-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-S28A-11S-XX
Description  7.0mm (0.28) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S28A-11S-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-S28A-11S-XX Datasheet HTML 1Page - BetLux Electronics BL-S28A-11S-XX Datasheet HTML 2Page - BetLux Electronics BL-S28A-11S-XX Datasheet HTML 3Page - BetLux Electronics BL-S28A-11S-XX Datasheet HTML 4Page - BetLux Electronics BL-S28A-11S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S28X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.3
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-S28A-11S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S28A-11S-00 BETLUX-BL-S28A-11S-00 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S28A-11S-01 BETLUX-BL-S28A-11S-01 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S28A-11S-02 BETLUX-BL-S28A-11S-02 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S28A-11S-03 BETLUX-BL-S28A-11S-03 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S28A-11S-04 BETLUX-BL-S28A-11S-04 Datasheet
80Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S28A-11S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S28C-11 BETLUX-BL-S28C-11 Datasheet
307Kb / 5P
   7.0mm (0.28) Single digit Seven Segment LED display series
BL-S28A-12 BETLUX-BL-S28A-12 Datasheet
333Kb / 5P
   7.0mm (0.28) Single digit numeric display series
logo
AVAGO TECHNOLOGIES LIMI...
HDSM-281C AVAGO-HDSM-281C Datasheet
216Kb / 9P
   0.28??(7.0mm) Single digit surface mount LED display
logo
BetLux Electronics
BL-Q28G-41 BETLUX-BL-Q28G-41 Datasheet
306Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28K-41 BETLUX-BL-Q28K-41 Datasheet
306Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28A-41 BETLUX-BL-Q28A-41 Datasheet
323Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
logo
Lite-On Technology Corp...
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
   0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
BetLux Electronics
BL-Q28I-41 BETLUX-BL-Q28I-41 Datasheet
314Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28C-41 BETLUX-BL-Q28C-41 Datasheet
326Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28O-41 BETLUX-BL-Q28O-41 Datasheet
314Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com