Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU610H Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # GBU610H
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GBU610H Datasheet(HTML) 2 Page - Zowie Technology Corporation

  GBU610H Datasheet HTML 1Page - Zowie Technology Corporation GBU610H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES GBU602H THRU GBU610H
Zowie Technology Corporation
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
8.0
6.0
2.0
4.0
0.1
1.0
10.0
100.0
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
PULSE WIDTH=300uS
1% DUTY Cycle
CASE TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
60 Hz Resistive or Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
25
50
75
100
175
200
150
125
1
10
100
HEAT-SINK MOUNTED
2.6 x 1.4 x 0.06" thick
(6.5 x 3.5 x 0.15 cm)
Al. PLATE
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=25
oC
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10
100
500
20
40
60
80
100
TJ=25
oC
TJ=125
oC
GBU602H & GBU604H
GBU606H ~ GBU610H
TJ=25
oC
.1
1
40
200
.2
.4
1.0
2
4
10
20
40
100
2
4
10
6
20
60
100


Similar Part No. - GBU610H

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU610 HY-GBU610 Datasheet
495Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
GBU610 DIODES-GBU610 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
Zowie Technology Corpor...
GBU610 ZOWIE-GBU610 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
GBU610 JUXING-GBU610 Datasheet
515Kb / 2P
   BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBU610 YFWDIODE-GBU610 Datasheet
719Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBU610H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com