Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER106 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # HER106
Description  High Efficiency Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER106 Datasheet(HTML) 4 Page - Leshan Radio Company

  HER106_15 Datasheet HTML 1Page - Leshan Radio Company HER106_15 Datasheet HTML 2Page - Leshan Radio Company HER106_15 Datasheet HTML 3Page - Leshan Radio Company HER106_15 Datasheet HTML 4Page - Leshan Radio Company HER106_15 Datasheet HTML 5Page - Leshan Radio Company HER106_15 Datasheet HTML 6Page - Leshan Radio Company HER106_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.


Similar Part No. - HER106_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
HER106R1 SECOS-HER106R1 Datasheet
199Kb / 2P
   1.0 AMP High Efficiency Rectifier
More results

Similar Description - HER106_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com