Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER107G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # HER107G
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER107G Datasheet(HTML) 4 Page - Leshan Radio Company

  HER107G_15 Datasheet HTML 1Page - Leshan Radio Company HER107G_15 Datasheet HTML 2Page - Leshan Radio Company HER107G_15 Datasheet HTML 3Page - Leshan Radio Company HER107G_15 Datasheet HTML 4Page - Leshan Radio Company HER107G_15 Datasheet HTML 5Page - Leshan Radio Company HER107G_15 Datasheet HTML 6Page - Leshan Radio Company HER107G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Unit:mm
A:卷盘规格/Reel spec.
W1 W
W1
Item
Symbol
Dimension
Label stike this position
A
76.4±0.1
B
82.5±0.2
C
330±0.5
Width
W
72±0.2
Thickness
W1
3±0.2
B:外箱规格/Outer Box Specification
Item
Symbol
Dimension
L
350±2
W
350±2
H
340±4
H
按以上包装方式:(As per the above spec)
DO-15
4K
16K
Q'ty/Taping
5K
1.4K
Q'ty/Packing Case
20K
5.6K
Size
W
L
外型/Outside
DO-41 & A-405
DO-201AD
Packing Of Plastic-Sealed Axial Lead Diodes
A
B C
Dimeter
1.卷盘/Reel Packing(52mm)
LESHAN RADIO COMPANY, LTD.


Similar Part No. - HER107G_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER107G-K TSC-HER107G-K Datasheet
412Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
logo
Won-Top Electronics
HER107G-T3 WTE-HER107G-T3 Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER107G-TB WTE-HER107G-TB Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Comchip Technology
HER107GA-G COMCHIP-HER107GA-G Datasheet
88Kb / 4P
   High Efficiency Rectifiers
HER107GB-G COMCHIP-HER107GB-G Datasheet
88Kb / 4P
   High Efficiency Rectifiers
More results

Similar Description - HER107G_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com