Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER202G Datasheet(PDF) 7 Page - Leshan Radio Company

Part # HER202G
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER202G Datasheet(HTML) 7 Page - Leshan Radio Company

  HER202G_15 Datasheet HTML 1Page - Leshan Radio Company HER202G_15 Datasheet HTML 2Page - Leshan Radio Company HER202G_15 Datasheet HTML 3Page - Leshan Radio Company HER202G_15 Datasheet HTML 4Page - Leshan Radio Company HER202G_15 Datasheet HTML 5Page - Leshan Radio Company HER202G_15 Datasheet HTML 6Page - Leshan Radio Company HER202G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Unit:mm
注: 52编带# 为DO-201AD编带规格
Remark: 52 tape# is DO-201AD taping spec.
4. 编带图形及规格/Taping Specification
R
<1.0
H
 6±1.0
P
 5±0.5
尺寸代号
T
>3.2
>3.2
>3.2
<1.0
<1.0
Z
<1.2
<1.2
<1.2
 6±1.0
 6±1.0
L1-L2
<1.0
<1.2
<1.2
 5±0.5
 10±0.5
W
26 0.0/+1.6
52 -1.0/+2.0
52 -1.0/+2.0
编带尺寸/Tape Dimension
Dimension Code
26/tape
52/tape
52/tape#
LESHAN RADIO COMPANY, LTD.


Similar Part No. - HER202G_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER202G-2C2A-2CDO-15 DGNJDZ-HER202G-2C2A-2CDO-15 Datasheet
237Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER202G-T TSC-HER202G-T Datasheet
409Kb / 6P
   2A, 50V - 600V Glass Passivated High Efficient Rectifier
logo
Won-Top Electronics
HER202G-T3 WTE-HER202G-T3 Datasheet
58Kb / 4P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
HER202G-TB WTE-HER202G-TB Datasheet
58Kb / 4P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Comchip Technology
HER202GA-G COMCHIP-HER202GA-G Datasheet
88Kb / 4P
   High Efficiency Rectifiers
More results

Similar Description - HER202G_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com