Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72042 Datasheet(PDF) 11 Page - NEC

Part # UPD72042
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042 Datasheet(HTML) 11 Page - NEC

Back Button UPD72042 Datasheet HTML 7Page - NEC UPD72042 Datasheet HTML 8Page - NEC UPD72042 Datasheet HTML 9Page - NEC UPD72042 Datasheet HTML 10Page - NEC UPD72042 Datasheet HTML 11Page - NEC UPD72042 Datasheet HTML 12Page - NEC UPD72042 Datasheet HTML 13Page - NEC UPD72042 Datasheet HTML 14Page - NEC UPD72042 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
µPD72042
11
Data Sheet S14870EJ1V0DS00
2.2.3
Communication Address
With the IEBus, each device is assigned a unique 12-bit communication address. The communication address
consists of the following parts:
High-order 4 bits
: Group number (number identifying the group to which a device belongs)
Low-order 8 bits
: Unit number (number identifying a device in a group)
2.2.4
Broadcast
In ordinary communication, transmission and reception are performed between one master unit and one associated
slave unit. Broadcast can also be done between one master unit and more than one slave unit. In this case master
unit transmits data to an arbitrary number of slave units. In this case, the slave units do not return on acknowledge
signal to the master unit.
Whether the communication to be performed is broadcast or ordinary communication is determined by the setting
of the broadcast bit. (For details of the broadcast bit, see (1) 2 in Section 2.3.)
There are two types of broadcast.
(1) Group broadcast
Broadcast is performed to the devices in a particular group. These devices all have the same group number,
as indicated by the high-order 4 bits of each communication address.
(2) General broadcast
Broadcast is performed to all devices, regardless of their group numbers.
These two types of broadcast are distinguished by the slave address. (For details of the slave address, see (3)
in Section 2.3.)
2.3
TRANSMISSION PROTOCOL
Fig. 2-1 shows the IEBus transmission signal format.
Communication data is transmitted as a sequence of signals called a communication frame. The transmission
speed and the maximum amount of data that can be transmitted in one communication frame depend on the
communication mode.


Similar Part No. - UPD72042

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042AGT NEC-UPD72042AGT Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Renesas Technology Corp
UPD72042B RENESAS-UPD72042B Datasheet
524Kb / 92P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD72042

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
Renesas Technology Corp
PD72042B RENESAS-PD72042B_15 Datasheet
525Kb / 92P
   LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
NEC
UPD6708 NEC-UPD6708 Datasheet
292Kb / 72P
   IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Toshiba Semiconductor
TC9244P TOSHIBA-TC9244P Datasheet
321Kb / 8P
   LSI FOR REMOTE CONTROL RECEIVING
logo
STMicroelectronics
AN2159 STMICROELECTRONICS-AN2159 Datasheet
671Kb / 23P
   SPI protocol for STPM01/STPM10 metering devices
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
   DSU LSI for the ISDN Terminal Equipment
logo
OKI electronic componet...
MSM9554 OKI-MSM9554 Datasheet
63Kb / 7P
   LSI Devices for FM Multiplex Data Demodulation
logo
Rohm
BU24024GU ROHM-BU24024GU Datasheet
177Kb / 5P
   Lens control LSI
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com