Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ4GH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # KBJ4GH
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

KBJ4GH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  KBJ4GH Datasheet HTML 1Page - Zowie Technology Corporation KBJ4GH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBJ4DH THRU KBJ4MH
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 4.0 Amperes
FEATURES
MECHANICAL DATA
* Halogen-free type
*
Compliance to RoHS product
* Single-in-line package
* High current capality with small package
* High Surge Current Capability
* Ideal for Printed Circuit Board Applications
* Plastic Material-UL Recognition Flammability
Classification 94V-0
Case : KBJ molded plastic
Terminals : Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity : As marked on Body
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum average rectified forward current (NOTE 1)
TC=100
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @ IF=2.0 A
Maximum DC reverse current
at rated DC blocking voltage
@TC=25
o
C
@TC=125
o
C
Typical junction capacitance per element (NOTE 2)
Typical thermal resistance (NOTE 1, 3)
Operating juntion and storage temperature
SYMBOLS
I (AV)
IFSM
VF
IR
CJ
R JC
Tj,TSTG
4.0
120
1.0
5
500
45
4.2
-55 to +150
UNITS
Maximum repetitive peak reverse voltage
VRRM
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
KBJ4DH
200
140
200
KBJ4GH
400
280
400
KBJ4JH
600
420
600
KBJ4KH
800
560
800
KBJ4MH
1000
700
1000
Volts
Volts
Amps
Amps
uA
pF
o
C / W
o
C
NOTES : (1) Unit case mounted on AI plate heat-sink
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
(3) Thermal resistance per leg on P.C.B. without heat-sink.
Zowie Technology Corporation
REV. 0
KBJ
*Dimensions in inches and (millimeters)
.035(0.90)
.114(2.90)
.154(3.90)
.138(3.50)
.098(2.50)
.020(0.50)
.189(4.80)
.173(4.40)
.303(7.70)
.043(1.10)
.138(3.40)
.122(3.10)
.996(25.3)
.972(24.7)
.035(0.90)
.287(7.30)
.303(7.70)
.287(7.30)
.303(7.70)
.287(7.30)


Similar Part No. - KBJ4GH

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4G WTE-KBJ4G Datasheet
50Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBJ4G GOOD-ARK-KBJ4G Datasheet
166Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Dc Components
KBJ4G DCCOM-KBJ4G Datasheet
418Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
KBJ4G SY-KBJ4G Datasheet
481Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4G DAESAN-KBJ4G Datasheet
240Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - KBJ4GH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com