Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL10H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # KBL10H
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

KBL10H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  KBL10H Datasheet HTML 1Page - Zowie Technology Corporation KBL10H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL02H THRU KBL10H
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 4.0 Amperes
FEATURES
MECHANICAL DATA
* Glass passivated chip junctions
* High Surge Current Capability
* High foward Surge Current capability
* Ideal for Printed Circuit Boards
* High Case dielectric strength of 1500VRMS
* Plastic Material has Underwriters Laboratory Flammability
Classification 94V-0
* High Temperature soldering guaranteed:
260
OC/10seconds,0.375" (9.5mm) lead length,5lbs. (2.3Kg)tension
Case : Molded Plastic
Terminals : Tin plated , solderable per MIL-STD-750,
Method 2026
Polarity : As marked on Body
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward output current @TA=50
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A
Maximum DC reverse current
at rated DC blocking voltage
@TA=25
o
C
@TA=125
o
C
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
4.0
125
1.1
5.0
1000
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
KBL02H
200
140
200
KBL04H
400
280
400
KBL06H
600
420
600
KBL08H
800
560
800
KBL10H
1000
700
1000
Volts
Volts
Amps
Amps
uA
Zowie Technology Corporation
REV. 0
KBL
Operating and Storage temperature range
-55 to +150
o
C
TJ,TSTG
.768(19.5)
.728(18.5)
.587(14.9)
.547(13.9)
.52(1.3) DIA.
.48(1.2) TYP.
.750 MIN
(19.0)
.640(16.3)
.600(15.2)
.083
(2.1)
.220(5.6)
.180(4.6)
.256(6.5)
.236(6.0)
Typical thermal resistance (NOTE 1)
(NOTE 2)
19.0
2.4
o
C / W
R JA
R JL
NOTES : (1) Thermal resistance from junction to ambient with units on 0.3 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3 cm) Al. plate
(2) Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x 12mm) copper pads.
+
-
~ ~
*Dimensions in inches and (millimeters)
*
Halogen-free type


Similar Part No. - KBL10H

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
KBL10 SUNMATE-KBL10 Datasheet
310Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
KBL10 SEMTECH-KBL10 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
TAITRON Components Inco...
KBL10 TAITRON-KBL10 Datasheet
140Kb / 5P
   4A Bridge Rectifier
logo
Yea Shin Technology Co....
KBL10 YEASHIN-KBL10 Datasheet
443Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBL10 BILIN-KBL10 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - KBL10H

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com