Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1530CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBR1530CT
Description  15A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1530CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBR1530CT_15 Datasheet HTML 1Page - Diodes Incorporated MBR1530CT_15 Datasheet HTML 2Page - Diodes Incorporated MBR1530CT_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS23013 Rev. 9 - 2
3 of 3
MBR1530CT - MBR1560CT
www.diodes.com
(Note 4)
* xx = Device type, e.g. MBR1545CT
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
MBR15xxCT*
TO-220AB
50/Tube
Ordering Information


Similar Part No. - MBR1530CT_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT_1 Datasheet
67Kb / 3P
   15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. 9 - 2
logo
Sirectifier Semiconduct...
MBR1530CT SIRECTIFIER-MBR1530CT_16 Datasheet
92Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results

Similar Description - MBR1530CT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR1530CT VISHAY-MBR1530CT Datasheet
64Kb / 5P
   15A Schottky Barrier Rectifier
Rev. A2, 24-Jun-98
logo
Diodes Incorporated
MBR1530CT DIODES-MBR1530CT Datasheet
88Kb / 2P
   15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
MBR1530CT DIODES-MBR1530CT_1 Datasheet
67Kb / 3P
   15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. 9 - 2
MBRB1530CT DIODES-MBRB1530CT_10 Datasheet
83Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 6 - 2
MBRB1530CT DIODES-MBRB1530CT Datasheet
46Kb / 2P
   15a SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. B-2
SDT15H100P5 DIODES-SDT15H100P5 Datasheet
417Kb / 5P
   15A TRENCH SCHOTTKY BARRIER RECTIFIER PowerDI5
September 2017 Rev. 3 - 2
MBRB1530CT_ DIODES-MBRB1530CT_ Datasheet
358Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13015 Rev. 5 - 2
MBRB1530CT DIODES-MBRB1530CT_15 Datasheet
82Kb / 4P
   15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SMPD1560L SECOS-SMPD1560L Datasheet
224Kb / 2P
   60V, 15A Low VF Schottky Barrier Rectifier
logo
Digitron Semiconductors
MUR1505 DIGITRON-MUR1505 Datasheet
459Kb / 5P
   15A SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com