Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72042GT Datasheet(PDF) 6 Page - NEC

Part # UPD72042GT
Description  LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72042GT Datasheet(HTML) 6 Page - NEC

Back Button UPD72042GT Datasheet HTML 2Page - NEC UPD72042GT Datasheet HTML 3Page - NEC UPD72042GT Datasheet HTML 4Page - NEC UPD72042GT Datasheet HTML 5Page - NEC UPD72042GT Datasheet HTML 6Page - NEC UPD72042GT Datasheet HTML 7Page - NEC UPD72042GT Datasheet HTML 8Page - NEC UPD72042GT Datasheet HTML 9Page - NEC UPD72042GT Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
µPD72042
6
Data Sheet S14870EJ1V0DS00
1. PIN FUNCTIONS
1.1
PIN FUNCTIONS
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
PinNote
SCK
SI (SIO)
SO (NC)
IRQ
C/D
XI
XO
GND
BUS–
BUS+
AVDD
SEL
CS
I/ONote
Input
Input (I/O)
Output
(none)
Output
Input
I/O
Input
Input
Function
Serial clock input pin for CPU interface
Serial data pin for CPU interface. (This pin
functions as an input pin when 3-wire serial
I/O mode is selected, or as an I/O pin when
2-wire serial I/O mode is selected.)
Serial data output pin for CPU interface. (The
pin functions as an output when 3-wire serial I/O
mode is selected. When 2-wire serial I/O mode
is selected, the pin is left open.)
Output pin for making an interrupt request to the
CPU. When a return code or a program crash is
detected, a high-level signal is output on this pin
for at least 8
µs.
Input pin used to select control mode or data
read/write mode. When this pin is driven high,
internal register address setting and data read/
write are enabled. When the mode changes, the
serial clock counter is reset.
Pins for connecting a system clock resonator. A
6-MHz crystal or ceramic resonator must be
used. The accuracy of the frequency is as
follows;
Mode 0, 1:
±1.5%
Ground pin
I/O pins connected to the IEBus bus
Main power supply pin for the IEBus bus driver/
receiver. When used, this pin must be tied to
VDD.
Input pin used to select either 3- or 2-wire serial
I/O mode. A high-level signal on this pin selects
3-wire serial I/O mode. A low-level signal on this
pin selects 2-wire serial I/O mode.
Chip select pin. When this pin is driven low, the
serial interface is enabled. When this pin is
driven high, the SO pin becomes high-imped-
ance, and the serial clock counter is reset.
When reset
[for both hardware
and software]
Input
Input
High-impedance
Low level
Input
When reset by
hardware (Oscil-
lation stopped)
XI = GND
XO = High level
When reset by
software (Oscil-
lation continued)
High-impedance
Input
Input
I/O formatNote
CMOS input
CMOS input
(CMOS I/O)
CMOS output
(none)
CMOS output
CMOS input
CMOS input
CMOS input
Note
Parentheses indicate the state corresponding to two-wire serial I/O mode.


Similar Part No. - UPD72042GT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042AGT NEC-UPD72042AGT Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Renesas Technology Corp
UPD72042B RENESAS-UPD72042B Datasheet
524Kb / 92P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD72042GT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
Renesas Technology Corp
PD72042B RENESAS-PD72042B_15 Datasheet
525Kb / 92P
   LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
logo
NEC
UPD6708 NEC-UPD6708 Datasheet
292Kb / 72P
   IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
logo
Toshiba Semiconductor
TC9244P TOSHIBA-TC9244P Datasheet
321Kb / 8P
   LSI FOR REMOTE CONTROL RECEIVING
logo
STMicroelectronics
AN2159 STMICROELECTRONICS-AN2159 Datasheet
671Kb / 23P
   SPI protocol for STPM01/STPM10 metering devices
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
   DSU LSI for the ISDN Terminal Equipment
logo
OKI electronic componet...
MSM9554 OKI-MSM9554 Datasheet
63Kb / 7P
   LSI Devices for FM Multiplex Data Demodulation
logo
Rohm
BU24024GU ROHM-BU24024GU Datasheet
177Kb / 5P
   Lens control LSI
logo
Sanyo Semicon Device
LC898212XA SANYO-LC898212XA Datasheet
55Kb / 5P
   AF Control LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com