Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBG3040CT-T-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBG3040CT-T-F
Description  30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBG3040CT-T-F Datasheet(HTML) 3 Page - Diodes Incorporated

  SBG3040CT-T-F Datasheet HTML 1Page - Diodes Incorporated SBG3040CT-T-F Datasheet HTML 2Page - Diodes Incorporated SBG3040CT-T-F Datasheet HTML 3Page - Diodes Incorporated SBG3040CT-T-F Datasheet HTML 4Page - Diodes Incorporated SBG3040CT-T-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBG3030CT - SBG3045CT
Document number: DS30025 Rev. 8 - 2
3 of 5
www.diodes.com
July 2011
© Diodes Incorporated
SBG3030CT - SBG3045CT
1.0
0.1
10
100
0.01
020
40
60
80
100
140
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 3 Typical Reverse Characteristics
T = 100°C
j
T = 25°C
j
0.001
0
50
100
150
200
250
300
12
50
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4 Maximum Non-Repetitive Surge Current
8.3 ms single half-sine-wave
5
20
10
100
1000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 5 Typical Total Capacitance, Per Element
R
4


Similar Part No. - SBG3040CT-T-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG3040CT-T-F DIODES-SBG3040CT-T-F Datasheet
70Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. 5 - 2
More results

Similar Description - SBG3040CT-T-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT Datasheet
47Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
SBG3030CT DIODES-SBG3030CT_1 Datasheet
70Kb / 2P
   30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. 5 - 2
logo
Won-Top Electronics
SB30150DC WTE-SB30150DC Datasheet
45Kb / 4P
   30A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
logo
Chip Integration Techno...
CP30L120SG CITC-CP30L120SG Datasheet
1Mb / 3P
   30A Surface Mount Trench Schottky Rectifier
logo
Diodes Incorporated
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com