Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER304G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # HER304G
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HER304G Datasheet(HTML) 3 Page - Leshan Radio Company

  HER304G_15 Datasheet HTML 1Page - Leshan Radio Company HER304G_15 Datasheet HTML 2Page - Leshan Radio Company HER304G_15 Datasheet HTML 3Page - Leshan Radio Company HER304G_15 Datasheet HTML 4Page - Leshan Radio Company HER304G_15 Datasheet HTML 5Page - Leshan Radio Company HER304G_15 Datasheet HTML 6Page - Leshan Radio Company HER304G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5.Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
L
0.335
0.375
8.5
9.5
L1
1.0
-
25.4
-
ΦD
0.197
0.220
5.0
5.6
Φd
0.048
0.052
1.2
1.3
inches
mm
Note:
DO-201AD
molded plastic case
The marking band indicates the
cathode
Dimensions
L
Φd
ΦD
Package outline
LESHAN RADIO COMPANY, LTD.
3/3


Similar Part No. - HER304G_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
HER304G-2C3A-2CDO-27 DGNJDZ-HER304G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER304G-K TSC-HER304G-K Datasheet
432Kb / 7P
   3A, 50V - 1000V Glass Passivated High Efficient Rectifier
logo
Comchip Technology
HER304GA-G COMCHIP-HER304GA-G Datasheet
84Kb / 4P
   High Efficiency Rectifiers
HER304GB-G COMCHIP-HER304GB-G Datasheet
84Kb / 4P
   High Efficiency Rectifiers
logo
Chenmko Enterprise Co. ...
HER304GPT CHENMKO-HER304GPT Datasheet
98Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER304G_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com