Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-DS40A-21D-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-DS40A-21D-XX
Description  10.20mm (0.40) Dual digit numeric display series. SMD TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-DS40A-21D-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-DS40A-21D-XX Datasheet HTML 1Page - BetLux Electronics BL-DS40A-21D-XX Datasheet HTML 2Page - BetLux Electronics BL-DS40A-21D-XX Datasheet HTML 3Page - BetLux Electronics BL-DS40A-21D-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED NUMERIC DISPLAY, 2 DIGIT, SMD DISPLAY
BL-DS40X-21
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
A
B
C
DEF
G
D P
AB
C
D
E
F
G
D P
DP
G
F
E
D
C
B
A
BL-DS40B-11
BL-DS40A-11
17
16
4
2
1
1 9
2 0
5
3,1 8
3,18
8,13
5
20
19
1
2
4
16
1 7
1 2
1 1
9761 4
1 5
1 0
DP
G
F
E
D
C
B
A
8,13
10
15
14
6
7
9
11
12
A
B
G
F
E
C
DDP
R
0.4
5
PIN10
PIN11
0.8
3.75
BL-DS40X-11
BL-DS40X-11 Series
A
B
C
D
E
F
G
DP
18.5
1.2
PIN1
PIN20
1.88
9.4
5.6
1 0¡
3.5
0.3
PIN1
PIN10
PIN11
PIN20
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-DS40A-21D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-DS20A-21 BETLUX-BL-DS20A-21 Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21D-XX BETLUX-BL-DS20A-21D-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21E-XX BETLUX-BL-DS20A-21E-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21G-XX BETLUX-BL-DS20A-21G-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21S-XX BETLUX-BL-DS20A-21S-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
More results

Similar Description - BL-DS40A-21D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D40A-23 BETLUX-BL-D40A-23 Datasheet
329Kb / 5P
   10.20mm (0.40) Dual digit numeric display series
BL-T40A-32S BETLUX-BL-T40A-32S Datasheet
127Kb / 4P
   10.20mm (0.40) Three digit numeric display series
BL-T40M-31 BETLUX-BL-T40M-31 Datasheet
327Kb / 5P
   10.20mm (0.40) Three digit numeric display series
logo
Inolux Corporation
HNTD40 INOLUX-HNTD40 Datasheet
1Mb / 17P
   0.40 Dual Digit Numeric Display
logo
BetLux Electronics
BL-D40I-21 BETLUX-BL-D40I-21 Datasheet
321Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
BL-D40E-21 BETLUX-BL-D40E-21 Datasheet
330Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
BL-D40C-21 BETLUX-BL-D40C-21 Datasheet
330Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BT-M402RD BRIGHT-BT-M402RD Datasheet
147Kb / 3P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
BT-C403ND BRIGHT-BT-C403ND Datasheet
78Kb / 1P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW2-403 LUCKY-LIGHT-KW2-403 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com