Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP15G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RGP15G
Description  Glass Passivated Junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RGP15G Datasheet(HTML) 1 Page - Leshan Radio Company

  RGP15G_15 Datasheet HTML 1Page - Leshan Radio Company RGP15G_15 Datasheet HTML 2Page - Leshan Radio Company RGP15G_15 Datasheet HTML 3Page - Leshan Radio Company RGP15G_15 Datasheet HTML 4Page - Leshan Radio Company RGP15G_15 Datasheet HTML 5Page - Leshan Radio Company RGP15G_15 Datasheet HTML 6Page - Leshan Radio Company RGP15G_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 0.2µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case: JEDEC DO-15, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.41 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
RGP
15A
RGP
15B
RGP
15D
RGP
15G
RGP
15J
RGP
15K
RGP
15M
RGP
15MA
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
RGP
15A
RGP
15B
RGP
15D
RGP
15G
RGP
15J
RGP
15K
RGP
15M
RGP
15MA
Unit
Maximum instantaneous forward voltage at 1.5A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 125°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
300
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
150
500
35
45
–50 to +150
1.3
5.0
200
RGP15A thru RGP15M
1.5
50
100
Reverse Voltage 50 to 1000V
Forward Current 1.5A
Glass Passivated Junction
Fast Switching Rectifiers
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - RGP15G_15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP15G ZOWIE-RGP15G Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
RGP15G GULFSEMI-RGP15G Datasheet
135Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Vishay Siliconix
RGP15G VISHAY-RGP15G Datasheet
75Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
01-Jan-2022
logo
General Semiconductor
RGP15G GE-RGP15G Datasheet
64Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
EIC discrete Semiconduc...
RGP15G EIC-RGP15G Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RGP15G_15

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com