Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3513 Datasheet(PDF) 5 Page - Lucky Light Electronic

Part # PE3513
Description  Divide-by-8 Prescaler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

PE3513 Datasheet(HTML) 5 Page - Lucky Light Electronic

  PE3513_15 Datasheet HTML 1Page - Lucky Light Electronic PE3513_15 Datasheet HTML 2Page - Lucky Light Electronic PE3513_15 Datasheet HTML 3Page - Lucky Light Electronic PE3513_15 Datasheet HTML 4Page - Lucky Light Electronic PE3513_15 Datasheet HTML 5Page - Lucky Light Electronic PE3513_15 Datasheet HTML 6Page - Lucky Light Electronic PE3513_15 Datasheet HTML 7Page - Lucky Light Electronic PE3513_15 Datasheet HTML 8Page - Lucky Light Electronic PE3513_15 Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Product Specification
PE3513
Page 5 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0108-06
│ www.psemi.com
Figure 6. Input Sensitivity
Figure 7. Device Current
Typical Performance Data: VDD = 3.0 V
Figure 8. Output Power


Similar Part No. - PE3513_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
More results

Similar Description - PE3513_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
NEC
UPG506B NEC-UPG506B Datasheet
54Kb / 4P
   14 GHz DIVIDE-BY-8 DYNAMIC PRESCALER
logo
Analog Devices
ADF5002 AD-ADF5002 Datasheet
252Kb / 12P
   4GHz to 18GHz Divide-by-8 Prescaler
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com