Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3409A Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3409A
Description  600mA Low VIN Buck Regulator in 3mm 3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409A Datasheet(HTML) 4 Page - Linear Technology

  LTC3409A Datasheet HTML 1Page - Linear Technology LTC3409A Datasheet HTML 2Page - Linear Technology LTC3409A Datasheet HTML 3Page - Linear Technology LTC3409A Datasheet HTML 4Page - Linear Technology LTC3409A Datasheet HTML 5Page - Linear Technology LTC3409A Datasheet HTML 6Page - Linear Technology LTC3409A Datasheet HTML 7Page - Linear Technology LTC3409A Datasheet HTML 8Page - Linear Technology LTC3409A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3409A
4
3409af
(TA = 25°C, from Typical Application on the front page except for the resistive divider resistor values)
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Input Voltage
VOUT = 1.2V, Pulse-Skipping
Efficiency vs Load Current,
VOUT = 1.2V
Reference Voltage
vs Temperature
Pulse-Skipping Efficiency/Power
Lost vs Load Current, VOUT = 1.8V
Efficiency vs Input Voltage,
VOUT = 1.2V, Burst Mode Operation
Efficiency vs Load Current,
VOUT = 2.5V
Oscillator Frequency
vs Temperature
Oscillator Frequency Shift
vs Input Voltage
TEMPERATURE (°C)
–50
2.1
2.4
2.7
2.6
2.5
2.2
2.3
1.9
2.0
1.6
1.7
1.3
1.4
25
75
125
100
3409A G07
1.8
1.5
1.2
–25
0
50
VIN = 1.6V
VIN = 1.6V
VIN = 2.7V
VIN = 2.7V
OSC 2.6MHz
OSC 1.7MHz
VIN = 4.2V
VIN = 4.2V
INPUT VOLTAGE (V)
1.5
–2
0
2
fLOW
1.7MHz
fHIGH
2.6MHz
5.5
3409A G08
–4
–6
–10
2.5
3.5
4.5
–8
6
4
LOAD CURRENT (mA)
0
100
60
70
80
90
40
20
50
30
10
0
1
0.01
0.1
0.001
10
3409A G01
1000
100
1
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
EFFICIENCY
POWER LOST
INPUT VOLTAGE (VIN)
100
60
70
80
90
40
20
50
30
10
0
2.6
3409A G02
4.6
5.5
3.6
1.6
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 600mA
INPUT VOLTAGE (VIN)
100
60
70
80
90
40
20
50
30
10
0
2.5
3409A G03
4.5
5.5
3.5
1.5
IOUT = 0.1mA
IOUT = 1mA
IOUT = 100mA
IOUT = 10mA
IOUT = 600mA
LOAD CURRENT (mA)
100
60
70
80
90
40
20
50
30
10
0
1
3409A G04
100
1000
10
0.1
2.7VIN
2.7VIN
4.2VIN
4.2VIN
3.6VIN
3.6VIN
BURST
PULSE-SKIPPING
LOAD CURRENT (mA)
100
60
70
80
90
40
20
50
30
10
0
1
3409A G05
100
1000
10
0.1
1.6VIN
1.6VIN
3.1VIN
3.1VIN
2.5VIN
2.5VIN
BURST
PULSE-SKIPPING
TEMPERATURE (°C)
0.616
0.614
0.615
0.612
0.610
0.613
0.611
0.609
0.608
–30
3409A G06
125
110
90
70
50
30
10
–10
–50


Similar Part No. - LTC3409A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3409AEDD LINER-LTC3409AEDD Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3409AIDD LINER-LTC3409AIDD Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results

Similar Description - LTC3409A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
logo
Semtech Corporation
SC1564 SEMTECH-SC1564 Datasheet
445Kb / 11P
   Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com