Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCXO-131A1 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # OCXO-131A1
Description  Oven Controlled Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

OCXO-131A1 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  OCXO-131A1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sOutline
Item
Type
OCXO-131A
OCXO-131A1
Frequency
5MHz
Operating Temperature Range
0~+50
:
-10~+60
:
Storage Temperature Range
-20~+80
:
Frequency Temperature Characteristics
±5×10—10 MAX./0~+50:
±1×10—9 MAX./-10~+60:
Frequency Aging
Supply Voltage Change
±2×10-10 MAX./+15V±5%
±5×10-10 MAX./+15V±5%
Frequency deviation
±3×10—7 MIN./ (VS. internal trimer)
Power Supply Voltage
+15V
±5%
Power Supply Current
670mA MAX.
Level
H-CMOS compatible
Output
Load
25pF
Output Symmetry
45~55% (at +2.5V point)
±2×10—10 MAX./day
±2×10—8 MAX./year
±1×10—10 MAX./day
±1×10—8 MAX./year
OCXO-131A
Oven Controlled Crystal Oscillator
sFeatures
¡High stability.
¡Fast warm up.
sSpecifications
sTypical Applications
¡Standard Oscillator.
sStandard Frequencies
¡5MHz.
*Please do not clean using any kind of liquid cleansing method.
N.P.
61.0MAX.
F.ADJ.
INSULATING
STANDOFF
20.32
2
13
4
5
5-
φ1.0±0.04
40.64
±0.3
±0.3
20.32
±0.3
Pin Connection
1:N.C.
2:N.C.
3:OUTPUT
4:GND
5:+DC
Dimensions(mm)
OCXO-131A


Similar Part No. - OCXO-131A1

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
OCXO-14 PETERMANN-OCXO-14 Datasheet
690Kb / 3P
   High reliability for low cost
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
logo
PETERMANN-TECHNIK
OCXO-14 PETERMANN-OCXO-14_15 Datasheet
690Kb / 3P
   High reliability for low cost
More results

Similar Description - OCXO-131A1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com