Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3452 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3452 Datasheet HTML 3Page - Linear Technology LTC3452 Datasheet HTML 4Page - Linear Technology LTC3452 Datasheet HTML 5Page - Linear Technology LTC3452 Datasheet HTML 6Page - Linear Technology LTC3452 Datasheet HTML 7Page - Linear Technology LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology LTC3452 Datasheet HTML 10Page - Linear Technology LTC3452 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC3452
3452f
BLOCK DIAGRA
1MHz
OSCILLATOR
+
+
+
+
+
+
LOGIC
GATE
DRIVERS
AND
ANTI-CROSS-
CONDUCTION
AB PWM
COMPARATOR
CD PWM
COMPARATOR
1600mA
200mA
FORWARD
CURRENT
LIMIT
REVERSE
CURRENT
LIMIT
18
21
UV
UV
OT
VIN
2.7V TO 5.5V
VC
VIN
PVIN
VOUT
SW1
SW2
20
1
19
17
UNDERVOLTAGE
LOCKOUT
OT
OVERTEMPERATURE
PROTECTION
1.23V
VBIAS
800mV
SDL
1.23V
1.23V
BANDGAP
REFERENCE
15
SWITCH
A
SWITCH
B
SWITCH
D
SWITCH
C
LED
DETECT
4
LEDL1
VOUT
LOW
POWER
LED
BANK
HIGH
POWER
LED
BANK
LED
DETECT
5
LEDL2
LED
DETECT
6
LEDL3
LED
DETECT
7
LEDL4
LED
DETECT
8
LEDL5
LED
DETECT
10
LEDH1
LED
DETECT
12
LEDH2
SOFT-START
CLAMP
EXPONENTIAL
BRIGHTNESS
CONTROL
VOUT
327k
123k
IMAXL
256
16
MAIN
ERROR AMP
LOW POWER
LED CURRENT
SETTING AMP
SAFETY
ERROR AMP
3
RISETL
VFB
PGND
11
GND
9
GND
EXPOSED
PAD
ISETL
ENL
ENH
3452 BD
+
800mV
SDH
HIGH POWER
LED CURRENT
SETTING AMP
RISETH
ISETH
+
IMAXH
768
SHUTDOWN
CIRCUIT
2
14
13
SDL
8 LEVELS
SDH
SHUTDOWN


Similar Part No. - LTC3452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452EUF LINER-LTC3452EUF Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
More results

Similar Description - LTC3452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com