Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3454 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology LTC3454 Datasheet HTML 10Page - Linear Technology LTC3454 Datasheet HTML 11Page - Linear Technology LTC3454 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3454
11
3454fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LED Failure Modes
If the LED fails as an open circuit, the safety amplifier takes
control of the regulation loop to prevent VOUT runaway.
The VOUT threshold at which this occurs is about 5.15V.
The safety amplifier has no effect on loop regulation at
VOUT less than 5.15V.
If the LED fails as a short-circuit, the current limiting
circuitry detects this condition and limits the peak input
current to a safe level.
Figure 3. Brightness Control Methods: (a) Using Voltage DAC, (b) Using Current DAC, (c) Using Potentiometer, (d) Using PWM Input
VOUT
LED
LTC3454
(3d)
VPWM
fPWM ≥ 10kHz
DVCC
RSET
100
VIN
RSET ≥ RMIN
3454 F03
ENx
ISETx
ILED = 3850
0.8V – VPWM
RSET
= 3850
0.8V – (DC% • VDVCC)
RSET
VOUT
LED
LTC3454
(3c)
RMIN
VIN
RPOT
ENx
ISETx
ILED = 3850
0.8V
RMIN + RPOT
VOUT
LED
LTC3454
(3b)
VIN
ENx
ISETx
ILED = 3850 • IDAC
IDAC ≤
0.8V
RMIN
(3a)
ILED = 3850
0.8V – VDAC
RSET
CURRENT
DAC
VOUT
LED
LTC3454
VIN
ENx
ISETx
VDAC
VOLTAGE
DAC
RSET ≥ RMIN
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699)
APPLICATIONS INFORMATION
PACKAGE DESCRIPTION
3.00 0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.38
0.10
BOTTOM VIEW—EXPOSED PAD
1.65
0.10
(2 SIDES)
0.75 0.05
R = 0.115
TYP
2.38 0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN 1103
0.25
0.05
2.38 0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 0.05
(2 SIDES)
2.15 0.05
0.50
BSC
0.675 0.05
3.50 0.05
PACKAGE
OUTLINE
0.25
0.05
0.50 BSC


Similar Part No. - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
LTC3454EDD LINER-LTC3454EDD Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
More results

Similar Description - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
   Precision, high efficiency buck-boost LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com