Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3454 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3454
Description  1A Synchronous Buck-Boost High Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3454 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3454 Datasheet HTML 2Page - Linear Technology LTC3454 Datasheet HTML 3Page - Linear Technology LTC3454 Datasheet HTML 4Page - Linear Technology LTC3454 Datasheet HTML 5Page - Linear Technology LTC3454 Datasheet HTML 6Page - Linear Technology LTC3454 Datasheet HTML 7Page - Linear Technology LTC3454 Datasheet HTML 8Page - Linear Technology LTC3454 Datasheet HTML 9Page - Linear Technology LTC3454 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3454
6
3454fa
BLOCK DIAGRAM
LED
EN2
2
EN1
ISET2
ISET1
RISET2
RISET1
1
800mV
IISET1
LED CURRENT
SETTING AMP 1
SAFETY
ERROR AMP
FORWARD
CURRENT
LIMIT
REVERSE
CURRENT
LIMIT
AUTOZEROING
ERROR AMP
CD PWM
COMPARATOR
AB PWM
COMPARATOR
+
+
+
1.23V
1.23V
+
+
9
LOGIC
3.4A
275mA
UNDERVOLTAGE
LOCKOUT
UV
VIN
2.7V TO 5.5V
OVERTEMP
PROTECTION
OT
UV
OT
BANDGAP
REFERENCE
1.23V
1MHz
OSCILLATOR
SWITCH A
VIN
OPTIONAL
SW1
SW2
SWITCH D
SWITCH B
SWITCH C
VOUT
10
6
11
VOUT
7
VC
8
3
3454 BD
377k
123k
I
R
EXPOSED PAD (GND)
R
3850 I
800mV
LED CURRENT
SETTING AMP 2
+
IISET2
SHUTDOWN
4
OPTIONAL
5
SOFT-
START
CLAMP
CURRENT
MIRROR
GATE
DRIVERS
AND
ANTICROSS-
CONDUCTION


Similar Part No. - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
LTC3454EDD LINER-LTC3454EDD Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
More results

Similar Description - LTC3454

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
   1A Synchronous Buck-Boost High Current LED Driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
   Precision, high efficiency buck-boost LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com