Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42551 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE42551
Description  RF Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42551 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE42551_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42551_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specification
PE42551
Page 4 of 9
Document No. 70-0350-02 │ www.psemi.com
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
50 OHM T-Line
50 OHM T-Line
50 OHM T-Line
50 OHM T-Line
J2
SMASM
J2
SMASM
1
J5
SMASM
J5
SMASM
1
R1
1M
R1
1M
J6
HEADER 7X2
J6
HEADER 7X2
1
1
3
3
5
5
7
7
2
2
4
4
6
6
8
8
10
10
12
12
14
14
13
13
9
9
11
11
R2
1M
R2
1M
J3
SMASM
J3
SMASM
1
J4
SMASM
J4
SMASM
1
U1
PE42551
GND
2
RF1
3
GND
4
GND
5
GND
1
GND
12
GND
11
RF2
13
GND
14
GND
15
J1
SMASM
J1
SMASM
1
C3
DNI
C3
DNI
C2
DNI
C2
DNI
C1
DNI
C1
DNI
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE42551 SPDT switch. The RF common port is
connected through a 50 Ω transmission line to J2.
Port 1 and Port 2 are connected through 50 Ω
transmission lines to J1 and J3. A through
transmission line connects SMA connectors J4
and J5. This transmission line can be used to
estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a two metal layer
FR4 material with a total thickness of 0.032”. The
transmission lines were designed using a
coplanar waveguide with ground plane (28 mil
core, 47.6 mil width, 30 mil gap).
Good RF layout and prudent use of vias is critical
for obtaining the specified isolation performance
for the device shown in this datasheet.
J6 provides a means for controlling DC and
digital inputs to the device. The provided jumpers
short the package pin to ground for logic low.
When the jumper is removed, the pin is pulled up
to VDD for logic high. When the jumper is in place,
3 µA of current will flow through the 1MΩ pull up
resistor. This extra current should not be
attributed to the requirements of the device.
Figure 5. Evaluation Board Layouts
Figure 6. Evaluation Board Schematic
Peregrine Specification 102-0198
Peregrine Specification 101-0151


Similar Part No. - PE42551_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42551 PSEMI-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
More results

Similar Description - PE42551_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
   RF Switch
PE4244 PEREGRINE-PE4244_15 Datasheet
284Kb / 6P
   RF Switch
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
logo
Lucky Light Electronic
PE4239 LUCKY-LIGHT-PE4239_15 Datasheet
287Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237_15 Datasheet
276Kb / 8P
   RF Switch
PE4272 PEREGRINE-PE4272_15 Datasheet
223Kb / 10P
   RF Switch
logo
Spectrum Microwave, Inc...
TWP2225 SPECTRUM-TWP2225 Datasheet
54Kb / 1P
   RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com