Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3458 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3458
Description  1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3458 Datasheet(HTML) 3 Page - Linear Technology

  LTC3458_15 Datasheet HTML 1Page - Linear Technology LTC3458_15 Datasheet HTML 2Page - Linear Technology LTC3458_15 Datasheet HTML 3Page - Linear Technology LTC3458_15 Datasheet HTML 4Page - Linear Technology LTC3458_15 Datasheet HTML 5Page - Linear Technology LTC3458_15 Datasheet HTML 6Page - Linear Technology LTC3458_15 Datasheet HTML 7Page - Linear Technology LTC3458_15 Datasheet HTML 8Page - Linear Technology LTC3458_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3458
3
3458fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Sink Current
7
μA
SYNC Input High
1.5
V
SYNC Input Low
0.35
V
SHDN Input High
1.25
V
SHDN Input Low
0.3
V
BURST Mode Peak Current
RILIM = 124k
0.4
A
BURST Threshold Voltage
1.10
V
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 5V, RT = 200k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LTC3458 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
TEMPERATURE (
°C)
VIN (V)
–40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
15
60
3458 G03
3458 G01
3458 G02
5
0
–15
10
35
85
20
2000
1800
1600
1400
1200
1000
800
600
400
200
0
–200
ILIMIT
IBURST PEAK
IZERO
IVIN
IVOUT
VOUT = 7V
L = 10
μH
RILIM = 124k
VIN = 3.3V
VOUT = 5V
3458 G04
3458 G05
3458 G06
RBURST (kΩ)
50
200
300
100
150
250
160
140
120
100
80
60
40
20
0
VIN (V)
1.5
250
200
150
100
50
0
3.0
4.0
5.5
2.0
2.5
3.5
4.5
5.0
OSCILLATOR FREQUENCY (kHz)
400
600
550
500
450
400
350
300
250
200
150
100
1200
600
800
1000
1400
OUT OF
BURST
INTO
BURST
3.3VOUT
5VOUT
7.5VOUT
RILIM = 124k
–45
1.4
1.5
1,7
1.8
–15
15
30
90
1.6
–30
0
45
60
75
RILIMIT = 124k
ILIMIT, IBURST, TZERO Currents
Burst Mode Quiescent Current
Maximum Load Current in Burst
Oscillator Programming Resistor
Current Limit Accuracy
Typical Burst Mode Threshold and
Hysteresis vs RBURST
(TA = 25°C unless otherwise specified)


Similar Part No. - LTC3458_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458EDE LINER-LTC3458EDE Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458LEDE LINER-LTC3458LEDE Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3458_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
E-CMOS Corporation
EC3207 E-CMOS-EC3207 Datasheet
376Kb / 4P
   1.5MHz,1.4A, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com