Electronic Components Datasheet Search |
|
UPD72042AGT Datasheet(PDF) 6 Page - NEC |
|
UPD72042AGT Datasheet(HTML) 6 Page - NEC |
6 / 92 page µPD72042A, 72042B 6 DATA SHEET S13990EJ2V0DS00 1. PIN FUNCTIONS 1.1 PIN FUNCTIONS Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 PinNote SCK SI (SIO) SO (NC) IRQ C/D XI XO GND BUS– BUS+ AVDD SEL CS I/ONote Input Input (I/O) Output (none) Output Input – – I/O – Input Input Function Serial clock input pin for CPU interface Serial data pin for CPU interface. (This pin functions as an input pin when 3-wire serial I/O mode is selected, or as an I/O pin when 2-wire serial I/O mode is selected.) Serial data output pin for CPU interface. (The pin functions as an output when 3-wire serial I/O mode is selected. When 2-wire serial I/O mode is selected, the pin is left open.) Output pin for making an interrupt request to the CPU. When a return code or a program crash is detected, a high-level signal is output on this pin for at least 8 µs. Input pin used to select control mode or data read/write mode. When this pin is driven high, internal register address setting and data read/ write are enabled. When the mode changes, the serial clock counter is reset. Pins for connecting a system clock resonator. A 6- or 6.29-MHz crystal or ceramic resonator must be used. The accuracy of the frequency is as follows; Mode 0, 1: ±1.5% Ground pin I/O pins connected to the IEBus bus Main power supply pin for the IEBus bus driver/ receiver. When used, this pin must be tied to VDD. Input pin used to select either 3- or 2-wire serial I/O mode. A high-level signal on this pin selects 3-wire serial I/O mode. A low-level signal on this pin selects 2-wire serial I/O mode. Chip select pin. When this pin is driven low, the serial interface is enabled. When this pin is driven high, the SO pin becomes high-imped- ance, and the serial clock counter is reset. When reset [for both hardware and software] Input Input High-impedance Low level Input When reset by hardware (Oscil- lation stopped) XI = GND XO = High level When reset by software (Oscil- lation continued) – High-impedance – Input Input I/O formatNote CMOS input CMOS input (CMOS I/O) CMOS output (none) CMOS output CMOS input – – – – CMOS input CMOS input Note Parentheses indicate the state corresponding to two-wire serial I/O mode. |
Similar Part No. - UPD72042AGT |
|
Similar Description - UPD72042AGT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |