Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526B Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3526B
Description  500mA 1MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526B Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3526B_15 Datasheet HTML 4Page - Linear Technology LTC3526B_15 Datasheet HTML 5Page - Linear Technology LTC3526B_15 Datasheet HTML 6Page - Linear Technology LTC3526B_15 Datasheet HTML 7Page - Linear Technology LTC3526B_15 Datasheet HTML 8Page - Linear Technology LTC3526B_15 Datasheet HTML 9Page - Linear Technology LTC3526B_15 Datasheet HTML 10Page - Linear Technology LTC3526B_15 Datasheet HTML 11Page - Linear Technology LTC3526B_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3526/LTC3526B

3526bfd
Error Amplifier
The positive input of the transconductance error amplifier
is internally connected to the 1.195V reference and the
negative input is connected to FB. Clamps limit the mini-
mumandmaximumerrorampoutputvoltageforimproved
large-signal transient response. Power converter control
loop compensation is provided internally. An external
resistive voltage divider from VOUT to ground programs
the output voltage via FB from 1.6V to 5.25V.
V
V
R
R
OUT =
+


1 195
1
2
1
.
Current Sensing
Losslesscurrentsensingconvertsthepeakcurrentsignalof
theN-channelMOSFETswitchintoavoltagethatissummed
with the internal slope compensation. The summed signal
is compared to the error amplifier output to provide a peak
current control command for the PWM.
Current Limit
The current limit comparator shuts off the N-channel
MOSFET switch once its threshold is reached. The cur-
rent limit comparator delay to output is typically 60ns.
Peak switch current is limited to approximately 700mA,
independent of input or output voltage, unless VOUT falls
below 0.7V, in which case the current limit is cut in half.
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
(Refer to Block Diagram)
operaTion
ZETEX ZC2811E
3526 F01
LTC3526/LTC3526B
SHDN
VIN
VCNTRL
4M
±30%
LTC3526/LTC3526B
SHDN
4M
±30%
1M
R
VCNTRL
1M
R > (VCNTRL/(VIN + 0.4) – 1)M
Figure 1. Recommended Shutdown Circuits when Driving
SHDN above VIN
exceeds the input by 0.24V, the IC powers itself from
VOUT instead of VIN. At this point the internal circuitry has
no dependency on the VIN input voltage, eliminating the
requirement for a large input capacitor. The input voltage
can drop as low as 0.5V. The limiting factor for the ap-
plication becomes the availability of the power source to
supply sufficient energy to the output at low voltages, and
maximum duty cycle, which is clamped at 90% typical.
Note that at low input voltages, small voltage drops due
to series resistance become critical, and greatly limit the
power delivery capability of the converter.
LOW NOISE FIXED FREqUENCY OPERATION
Soft-Start
TheLTC3526/LTC3526Bcontaininternalcircuitrytoprovide
soft-start operation. The soft-start circuitry slowly ramps
the peak inductor current from zero to its peak value of
700mA (typical) in approximately 0.5ms, allowing start-
up into heavy loads. The soft-start circuitry is reset in the
event of a shutdown command or a thermal shutdown.
Oscillator
An internal oscillator sets the switching frequency to
1MHz.
Shutdown
Shutdown is accomplished by pulling the SHDN pin
below 0.3V and enabled by pulling the SHDN pin above
0.8V typical. Although SHDN can be driven above VIN
or VOUT (up to the absolute maximum rating) without
damage, the LTC3526/LTC3526B have a proprietary test
mode that may be engaged if SHDN is held in the range
of 0.5V to 1V higher than the greater of VIN or VOUT. If
the test mode is engaged, normal PWM switching action
is interrupted, which can cause undesirable operation
in some applications. Therefore, in applications where
SHDN may be driven above VIN, a resistor divider or other
means must be employed to keep the SHDN voltage below
(VIN + 0.4V) to prevent the possibility of the test mode
being engaged. Please refer to Figure 1 for two possible
implementations.


Similar Part No. - LTC3526B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526B-2 LINER-LTC3526B-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B-2 LINER-LTC3526B-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B-2 LINER-LTC3526B-2 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526BEDC LINER-LTC3526BEDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528 LINER-LTC3528_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com