Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43503 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE43503
Description  RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43503 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE43503_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43503_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE43503
Page 3 of 11
Document No. 70-0252-05
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
30
35
40
45
50
55
60
65
70
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Frequency (MHz)
0dB
1dB
2dB
4dB
8dB
16dB
31dB
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
4
8
12
1620
2428
32
Attenuation Setting (dB)
-40C
+25C
+85C
0
20
40
60
80
100
120
140
01
23
4
5
6
7
8
Frequency (GHz)
0dB
1dB
2dB
4dB
8dB
16dB
31dB
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
4
5
67
89
Frequency (GHz)
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31dB
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23
45
67
89
Frequency (GHz)
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31dB
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
02
4
6
8
10
Frequency (GHz)
-40C
+25C
+85C
Figure 7. Insertion Loss vs. Temperature
Figure 8. Input Return Loss vs. Attenuation
@ T = +25C
Figure 9. Output Return Loss vs. Attenuation
@ T = +25C
Figure 10. Relative Phase vs. Frequency
Figure 11. Attenuation Error vs. Temperature
@ 6 GHz
Figure 12. Input IP3 vs. Frequency


Similar Part No. - PE43503_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43503 PSEMI-PE43503_14 Datasheet
981Kb / 11P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE43503_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com