Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4140 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE4140
Description  Broadband Quad MOSFET Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4140 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button PE4140_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4140_15 Datasheet HTML 10Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
PE4140
Page 7 of 10
Document No. 70-0089-09
│ www.psemi.com
©2005-2009 Peregrine Semiconductor Corp. All rights reserved.
-60
-50
-40
-30
-20
-10
0
1000
1200
1400
1600
1800
2000
Frequency (MHz)
LO-RF
LO-IF
0
2
4
6
8
10
0
200
400
600
800
1000
Frequency (MHz)
0
5
10
15
20
25
30
0
200
400
600
800
1000
Frequency (MHz)
Typical Performance Plots in a CATV Application @ +25 °C
Figure 12. Conversion Loss vs. Frequency
Figure 13. LO-RF & LO-IF Isolation
Figure 11. IIP3 vs. Frequency


Similar Part No. - PE4140_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
PE4140 LUCKY-LIGHT-PE4140_15 Datasheet
269Kb / 10P
   Broadband Quad MOSFET Array
More results

Similar Description - PE4140_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
PE4141 LUCKY-LIGHT-PE4141_15 Datasheet
195Kb / 5P
   Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4141 PEREGRINE-PE4141_15 Datasheet
195Kb / 5P
   Broadband Quad MOSFET Array
logo
Lucky Light Electronic
PE4140 LUCKY-LIGHT-PE4140_15 Datasheet
269Kb / 10P
   Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140 Datasheet
186Kb / 5P
   Ultra-High Linearity Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4141 PSEMI-PE4141_14 Datasheet
796Kb / 5P
   Ultra-linear UltraCMOS??Broadband Quad MOSFET Array
PE4141 PSEMI-PE4141 Datasheet
195Kb / 5P
   Ultra-linear UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com