Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526B-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3526B-2
Description  500mA 2MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526B-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC3526B-2 Datasheet HTML 1Page - Linear Technology LTC3526B-2 Datasheet HTML 2Page - Linear Technology LTC3526B-2 Datasheet HTML 3Page - Linear Technology LTC3526B-2 Datasheet HTML 4Page - Linear Technology LTC3526B-2 Datasheet HTML 5Page - Linear Technology LTC3526B-2 Datasheet HTML 6Page - Linear Technology LTC3526B-2 Datasheet HTML 7Page - Linear Technology LTC3526B-2 Datasheet HTML 8Page - Linear Technology LTC3526B-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3526-2/LTC3526B-2

35262b2fc
n
MedicalInstruments
n
Flash-BasedMP3Players
n
NoiseCancelingHeadphones
n
WirelessMice
n
BluetoothHeadsets
ApplicAtions
500mA 2MHz Synchronous
Step-Up DC/DC Converters
in 2mm
× 2mm DFN
The LTC®3526-2/LTC3526B-2 are synchronous, fixed
frequencystep-upDC/DCconverterswithoutputdiscon-
nect. Synchronous rectification enables high efficiency
inthelowprofile2mm
×2mmDFNpackage.Batterylife
insingleAA/AAApoweredproductsisextendedfurther
withan850mVstart-upvoltageandoperationdownto
500mVoncestarted.
Aswitchingfrequencyof2MHzminimizessolutionfoot-
printbyallowingtheuseoftiny,lowprofileinductors
andceramiccapacitors.ThecurrentmodePWMdesign
isinternallycompensated,reducingexternalpartscount.
TheLTC3526-2featuresBurstModeoperationatlightload
conditions, while the LTC3526B-2 features continuous
switching.Anti-ringcircuitryeliminatesEMIconcernsby
dampingtheinductorindiscontinuousmode.Additional
featuresincludealowshutdowncurrentofunder1µAand
thermalshutdown.
The LTC3526-2/LTC3526B-2 are housed in a 6-pin
2mm
×2mm×0.75mmDFNpackage.
For new designs, we recommend the LTC3526L-2/
LTC3526LB-2.
L
,LT,LTC,LTM,LinearTechnology,theLinearlogoandBurstModeareregisteredtrademarks
andThinSOTisatrademarkofLinearTechnologyCorporation.Allothertrademarksarethe
propertyoftheirrespectiveowners.Patentspending.
n
Delivers 3.3V at 100mA from a Single Alkaline/
NiMH Cell or 3.3V at 200mA from Two Cells
n
VIN Start-Up Voltage: 850mV
n
VIN Operating Range: 0.5V to 5V
n
1.6V to 5.25V VOUT Range
n
Up to 94% Efficiency
n
Output Disconnect
n
2MHz Fixed Frequency Operation
n
VIN > VOUT Operation
n
Integrated Soft-Start
n
CurrentModeControlwithInternalCompensation
n
BurstMode®Operationwith9µAQuiescentCurrent
(LTC3526-2)
n
LowNoisePWMOperation(LTC3526B-2)
n
InternalSynchronousRectifier
n
LogicControlledShutdown(IQ<1µA)
n
Anti-RingingControl
n
LowProfile(2mm
×2mm×0.75mm)DFN-6Package
SW
VIN
1.78M
2.2µH
1M
1µF
4.7µF
35262b2 TA01a
LTC3526-2
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
35262b2 TA01b
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
EFFICIENCY
POWER LOSS
VIN = 2.4V
LTC3526-2 Efficiency and Power Loss vs Load Current
typicAl ApplicAtion
FeAtures
Description
NOT RECOMMENDED FOR NEW DESIGNS
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC3526B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526B-2 LINER-LTC3526B-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526B-2 LINER-LTC3526B-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
logo
Linear Technology
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com