Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526L-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3526L-2
Description  550mA 2MHz Synchronous Step-Up DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526L-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3526L-2 Datasheet HTML 5Page - Linear Technology LTC3526L-2 Datasheet HTML 6Page - Linear Technology LTC3526L-2 Datasheet HTML 7Page - Linear Technology LTC3526L-2 Datasheet HTML 8Page - Linear Technology LTC3526L-2 Datasheet HTML 9Page - Linear Technology LTC3526L-2 Datasheet HTML 10Page - Linear Technology LTC3526L-2 Datasheet HTML 11Page - Linear Technology LTC3526L-2 Datasheet HTML 12Page - Linear Technology LTC3526L-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3526L-2/LTC3526LB-2

3526lb2fa
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
when this current reduces to approximately 30mA. This
prevents the inductor current from reversing in polarity,
improving efficiency at light loads.
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P-channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ring circuit connects a resistor across the in-
ductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. Although
the ringing of the resonant circuit formed by L and CSW
(capacitance on SW pin) is low energy, it can cause EMI
radiation.
Output Disconnect
The LTC3526L-2/LTC3526LB-2 are designed to allow true
output disconnect by eliminating body diode conduction
of the internal P-channel MOSFET rectifier. This allows for
VOUT to go to zero volts during shutdown, drawing no cur-
rent from the input source. It also allows for inrush current
limiting at turn-on, minimizing surge currents seen by the
input supply. Note that to obtain the advantages of output
disconnect, there must not be an external Schottky diode
connected between SW and VOUT. The output disconnect
feature also allows VOUT to be pulled high, without any
reverse current into a battery connected to VIN.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3526L-2/
LTC3526LB-2 will go into thermal shutdown. All switches
will be off and the soft-start capacitor will be discharged.
The device will be enabled again when the die temperature
drops by about 15°C.
Burst Mode OPERATION
The LTC3526L-2 will enter Burst Mode operation at light
load current and return to fixed frequency PWM mode
when the load increases. Refer to the Typical Performance
Characteristics to see the output load Burst Mode thresh-
old current vs VIN. The load current at which Burst Mode
operation is entered can be changed by adjusting the
inductor value. Raising the inductor value will lower the
load current at which Burst Mode operation is entered.
In Burst Mode operation, the LTC3526L-2 still switches at
a fixed frequency of 2MHz, using the same error amplifier
and loop compensation for peak current mode control.
This control method eliminates any output transient
when switching between modes. In Burst Mode opera-
tion, energy is delivered to the output until it reaches the
nominal regulation value, then the LTC3526L-2 transi-
tions to sleep mode where the outputs are off and the
LTC3526L-2consumesonly9µAofquiescentcurrentfrom
VOUT. When the output voltage droops slightly, switching
resumes. This maximizes efficiency at very light loads by
minimizing switching and quiescent losses. Burst Mode
output voltage ripple, which is typically 1% peak-to-peak,
can be reduced by using more output capacitance (10µF
or greater), or with a small capacitor (10pF to 50pF) con-
nected between VOUT and FB.
As the load current increases, the LTC3526L-2 will au-
tomatically leave Burst Mode operation. Note that larger
output capacitor values may cause this transition to oc-
cur at lighter loads. Once the LTC3526L-2 has left Burst
Mode operation and returned to normal operation, it will
remain there until the output load is reduced below the
burst threshold current.
Burst Mode operation is inhibited during start-up and soft-
start and until VOUT is at least 0.24V greater than VIN.
The LTC3526LB-2 features continuous PWM operation at
2MHz. At very light loads, the LTC3526LB-2 will exhibit
pulse-skipping operation.
(Refer to Block Diagram)
operaTion


Similar Part No. - LTC3526L-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L-2 LINER-LTC3526L-2 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526L-2 LINER-LTC3526L-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526L-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539 Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com