Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4251 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4251
Description  RF Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4251 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4251_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4251_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE4251
Page 2 of 9
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0255-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. Operating Ranges
Note 3. All RF pins must be DC blocked with an external
series capacitor or held at 0 VDC.
Figure 3. Pin Configuration (Top View)
Pin No.
Pin Name
Description
1
V2
This pin supports two interface options:
Single-pin control mode. A nominal 3-
volt supply connection is required.
Complementary-pin control mode. A
complementary CMOS control signal
to V1 is supplied to this pin.
2
V1
Switch control input, CMOS logic level.
3
RFC
RF Common port.3
4
N/C or GND
No Connect or Ground
5
RF1
RF1 port.3
6
GND
Ground Connection. Traces should be
physically short and connected to
ground plane for best performance.
7
GND
Ground Connection. Traces should be
physically short and connected to
ground plane for best performance.
8
RF2
RF2 port.3
Paddle
GND
Exposed ground paddle. Ground for
proper device operation
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Switching Frequency
The PE4251 has a maximum 25 kHz switching rate.
1
2
3
4
8
7
6
5
V2
V1
RFC
N/C or
GND
RF2
GND
GND
RF1
Exposed ground paddle
Note 4. Customer must choose either 3.3 V or 5.0 V power
supply range
Table 4. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
3
5.5
V
VI
Voltage on any control input
-0.3
5.5
V
TST
Storage temperature range
-65
150
°C
PIN
RF Input power (50
Ω)
27
dBm
VESD
ESD voltage (HBM)5
ESD voltage (Machine Model)
4000
250
V
Note: 5. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage4
3.0
4.5
3.3
5.0
3.6
5.5
V
V
IDD Power Supply Current
VDD = VCNTL= 3.3V
VDD = VCNTL= 5.0V
55
75
60
80
µA
µA
Control Voltage High
0.8 x VDD
V
Control Voltage Low
0.2 x VDD
V
PIN RF Input Power (50Ω)
27
dBm
TOP Operating temperature
range
-40
25
85
°C
TST Storage temperature range
-65
25
150
°C
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE4251
in the 8-lead MSOP package is MSL1.


Similar Part No. - PE4251_15

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results

Similar Description - PE4251_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
   RF Switch
PE4244 PEREGRINE-PE4244_15 Datasheet
284Kb / 6P
   RF Switch
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
   RF Switch
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
logo
Lucky Light Electronic
PE4239 LUCKY-LIGHT-PE4239_15 Datasheet
287Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237_15 Datasheet
276Kb / 8P
   RF Switch
PE4272 PEREGRINE-PE4272_15 Datasheet
223Kb / 10P
   RF Switch
logo
Spectrum Microwave, Inc...
TWP2225 SPECTRUM-TWP2225 Datasheet
54Kb / 1P
   RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com