Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3700 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3700
Description  Constant Frequency Step-Down DC/DC Controller with LDO Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3700 Datasheet(HTML) 5 Page - Linear Technology

  LTC3700 Datasheet HTML 1Page - Linear Technology LTC3700 Datasheet HTML 2Page - Linear Technology LTC3700 Datasheet HTML 3Page - Linear Technology LTC3700 Datasheet HTML 4Page - Linear Technology LTC3700 Datasheet HTML 5Page - Linear Technology LTC3700 Datasheet HTML 6Page - Linear Technology LTC3700 Datasheet HTML 7Page - Linear Technology LTC3700 Datasheet HTML 8Page - Linear Technology LTC3700 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3700
3700f
TYPICAL PERFOR A CE CHARACTERISTICS
VIN INPUT VOLTAGE (V)
2
3
4
5
6
7
8
910
3700 G09
300
270
240
210
180
150
120
90
60
30
0
VIN2 = 0V
VPGOOD = 100mV
TA = 25°C
PGOOD RON vs Input Voltage
LDO Pass FET RON vs Input
Voltage
VIN2 INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
3700 G08
4.0
3.7
3.4
3.1
2.8
2.5
2.2
1.9
1.6
1.3
1.0
VIN = 0
ILDO = 100mA
TA = 25°C
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
3700 G06
850
840
830
820
810
800
790
780
770
760
750
VIN2 = 4.2V
LDO = VFB2
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 10µA
ILOAD = 1mA
VIN2 INPUT VOLTAGE (V)
2.4 2.85 3.3 3.75 4.2 4.65 5.1 5.55
6
3700 G07
850
840
830
820
810
800
790
780
770
760
750
TA = 25°C
LDO = VFB2
ILOAD = 100mA
ILOAD = 1mA
ILOAD = 10µA
ILOAD = 10mA
VFB2 Voltage vs Temperature
LDO Line Regulation (VFB2
Voltage vs Supply)
LDO REGULATOR
Load Transient Response
LDO Supply Current
vs Input Voltage
VIN2 INPUT VOLTAGE (V)
2
20
30
50
60
70
120
90
3
4
4.5
3700 G11
40
100
110
80
2.5
3.5
5
5.5
6
VIN = 0V
VIN = 9.8V
LDO = VFB2
ILDO = 10µA
TA = 25°C
150
100
50
0
0
ILDO (mA)
50mA/DIV
∆VLDO
20mV/DIV
AC COUPLED
TA = 25°C20µs/DIV
3700 G12
VIN2 = 3.3V
VLDO = 2.5V
CLDO = 10µF


Similar Part No. - LTC3700

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3700 LINER-LTC3700 Datasheet
209Kb / 16P
   Constant Frequency Step-Down DC/DC Controller with LDO Regulator
LTC3700EMS LINER-LTC3700EMS Datasheet
209Kb / 16P
   Constant Frequency Step-Down DC/DC Controller with LDO Regulator
More results

Similar Description - LTC3700

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3700 LINER-LTC3700 Datasheet
209Kb / 16P
   Constant Frequency Step-Down DC/DC Controller with LDO Regulator
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
logo
Richtek Technology Corp...
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
   Synchronous DC-DC Step-Down Controller with 5V LDO
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com