Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3721-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3721-1
Description  Push-Pull PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3721-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3721-1 Datasheet HTML 1Page - Linear Technology LTC3721-1 Datasheet HTML 2Page - Linear Technology LTC3721-1 Datasheet HTML 3Page - Linear Technology LTC3721-1 Datasheet HTML 4Page - Linear Technology LTC3721-1 Datasheet HTML 5Page - Linear Technology LTC3721-1 Datasheet HTML 6Page - Linear Technology LTC3721-1 Datasheet HTML 7Page - Linear Technology LTC3721-1 Datasheet HTML 8Page - Linear Technology LTC3721-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3721-1
3
sn37211 37211fs
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 9.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pulse Width Modulator
ROS
Ramp Offset Voltage
Measured on COMP, CS = 0V
0.65
V
IRMP
Ramp Discharge Current
CS = 1V, COMP = 0V, CT = 4V
50
mA
ISLP
Slope Compensation Current
Measured on CS, CT = 1V
30
µA
CT = 2.25V
68
µA
DCMAX
Maximum Duty Cycle
COMP = 4.5V
47
48.2
50
%
DCMIN
Minimum Duty Cycle
COMP = 0V
0%
DTADJ
Dead-Time
130
ns
Oscillator
OSCI
Initial Accuracy
TA = 25°C, CT = 270pF
220
250
280
kHz
OSCT
VCC Variation
VCC = 6.5V to 9.5V
–3
3
%
OSCV
CT Ramp Amplitude
Measured on CT
2.35
V
Error Amplifier
VFB
FB Input Voltage
COMP = 2.5V, (Note 3)
1.172
1.2
1.22
V
FBI
FB Input Range
Measured on FB, (Note 4)
– 0.3
2.5
V
AVOL
Open-Loop Gain
COMP = 1V to 3V, (Note 3)
70
90
dB
IIB
Input Bias Current
COMP = 2.5V, (Note 3)
5
50
nA
VOH
Output High
Load on COMP = –100µA
4.7
4.92
V
VOL
Output Low
Load on COMP = 100µA
0.27
0.5
V
ISOURCE
Output Source Current
COMP = 2.5V
400
700
µA
ISINK
Output Sink Current
COMP = 2.5V
2
5
mA
Reference
VREF
Initial Accuracy
TA = 25°C, Measured on VREF
4.925
5.00
5.075
V
REFLD
Load Regulation
Load on VREF = 100µA to 5mA
2
15
mV
REFLN
Line Regulation
VCC = 6.5V to 9.5V
1
10
mV
REFTV
Total Variation
Line, Load and Temperature
4.900
5.000
5.100
V
REFSC
Short-Circuit Current
VREF Shorted to GND
18
30
45
mA
Push-Pull Outputs
DRVH(x)
Output High Voltage
IOUT(x) = –100mA
9.2
V
DRVL(x)
Output Low Voltage
IOUT(x) = 100mA
0.17
V
RDH(x)
Pull-Up Resistance
IOUT(x) = –10mA to –100mA
2.9
RDL(x)
Pull-Down Resistance
IOUT(x) = –10mA to –100mA
1.7
TDR(x)
Rise-Time
COUT(x) = 1nF
10
ns
TDF(x)
Fall-Time
COUT(x) = 1nF
10
ns
Current Limit and Shutdown
CLPP
Pulse by Pulse Current Limit Threshold
Measured on CS
280
300
320
mV
CLSD
Shutdown Current Limit Threshold
Measured on CS
475
600
725
mV
CLDEL
Current Limit Delay to Output
100mV Overdrive on CS, (Note 2)
80
ns
SSI
Soft-Start Current
SS = 2.5V
10
13
16
µA


Similar Part No. - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3721-1 LINER-LTC3721-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
More results

Similar Description - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com