Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3721-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3721-1
Description  Push-Pull PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3721-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3721-1 Datasheet HTML 1Page - Linear Technology LTC3721-1 Datasheet HTML 2Page - Linear Technology LTC3721-1 Datasheet HTML 3Page - Linear Technology LTC3721-1 Datasheet HTML 4Page - Linear Technology LTC3721-1 Datasheet HTML 5Page - Linear Technology LTC3721-1 Datasheet HTML 6Page - Linear Technology LTC3721-1 Datasheet HTML 7Page - Linear Technology LTC3721-1 Datasheet HTML 8Page - Linear Technology LTC3721-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3721-1
5
sn37211 37211fs
FREQUENCY (Hz)
–180
1M
372311 G07
–270
–360
10
1k
100
10k
100k
10M
100
80
60
40
20
0
TEMPERATURE (°C)
–55
190
180
170
160
150
140
130
120
110
100
372311 G08
–25
5
35
95
125
65
RDPRG (kΩ)
0
50
100
150
200
75
125
175
225
275
50 100 150 200
372311 G09
250
500
450
400
350
300
250
NO 200k PREBIAS
200k PREBIAS
TEMPERATURE (°C)
–55
90
80
70
60
50
40
30
20
10
0
372311 G10
–25
5
35
95
125
65
CT = 1V
CT = 2.25V
TEMPERATURE (°C)
–55
10.5
10.4
10.3
10.2
10.1
10.0
9.9
9.8
372311 G11
–25
5
35
95
125
65
ICC = 10mA
Error Amplifier Gain/Phase
Start-Up ICC vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Deadtime vs RDPRG
(TA = 25°C unless otherwise noted)
Slope Current vs Temperature
VCC Shunt Voltage vs
Temperature
FB Input Voltage vs Temperature
TEMPERATURE (°C)
–55
1.205
1.204
1.203
1.202
1.201
1.200
1.199
1.198
1.197
372311 G12
–25
5
35
95
125
65


Similar Part No. - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
LTC3721-1 LINER-LTC3721-1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3721-1 LINER-LTC3721-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
More results

Similar Description - LTC3721-1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3808 MICREL-MIC3808 Datasheet
145Kb / 11P
   Push-Pull PWM Controller
MIC3838 MICREL-MIC3838_05 Datasheet
196Kb / 11P
   Flexible Push-Pull PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3838 MIC-MIC3838_11 Datasheet
197Kb / 11P
   Flexible Push-Pull PWM Controller
logo
Micrel Semiconductor
MIC3838 MICREL-MIC3838 Datasheet
341Kb / 11P
   Flexible Push-Pull PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com