Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703041 Datasheet(PDF) 1 Page - NEC

Part # UPD703041
Description  V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703041 Datasheet(HTML) 1 Page - NEC

  UPD703041 Datasheet HTML 1Page - NEC UPD703041 Datasheet HTML 2Page - NEC UPD703041 Datasheet HTML 3Page - NEC UPD703041 Datasheet HTML 4Page - NEC UPD703041 Datasheet HTML 5Page - NEC UPD703041 Datasheet HTML 6Page - NEC UPD703041 Datasheet HTML 7Page - NEC UPD703041 Datasheet HTML 8Page - NEC UPD703041 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD70F3040, 70F3040Y
V850/SV1
TM
32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
Document No. U14622EJ1V0DS00 (1st edition)
Date Published March 2000 N CP(K)
Printed in Japan
PRELIMINARY PRODUCT INFORMATION
PRELIMINARY DATA SHEET
The information contained in this document is being issued in advance of the production cycle for the
device. The parameters for the device may change before final production or NEC Corporation, at its own
discretion, may withdraw the device prior to its production.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPD70F3040 and µPD70F3040Y are products that substitute flash memory for the mask ROM of the
µPD703039, 703040, 703041 and µPD703039Y, 703040Y, 703041Y, respectively. Since the µPD70F3040 and
70F3040Y can be read and written while mounted on the board, these products are ideal for evaluation during
system development, multiple-version small-scale production or quick product release.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
V850/SV1 User’s Manual Hardware:
U14462E
V850 Family
TM User’s Manual Architecture:
U10243E
FEATURES
• Pin compatible with
µPD703039, 703040, 703041, 703039Y, 703040Y, and 703041Y
• For mass production, these can be replaced by a mask ROM version.
µPD70F3040 → µPD703039, 703040, 703041
µPD70F3040Y → µPD703039Y, 703040Y, 703041Y
ORDERING INFORMATION
Part Number
Package
µPD70F3040GM-UEU
µPD70F3040YGM-UEU
176-pin plastic LQFP (fine-pitch) (24
× 24 mm)
176-pin plastic LQFP (fine-pitch) (24
× 24 mm)
DIFFERENCES BETWEEN V850/SV1 PRODUCTS
Internal ROM
Internal RAM
I
2CVPP Pin
µPD70F3040
None
µPD70F3040Y
256 KB (flash memory)
16 KB
Provided
Provided
µPD703039
None
µPD703039Y
8 KB
Provided
µPD703040
None
µPD703040Y
256 KB (mask ROM)
16 KB
Provided
µPD703041
None
µPD703041Y
192 KB (mask ROM)
8 KB
Provided
None
©
2000


Similar Part No. - UPD703041

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703041 NEC-UPD703041 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703041 RENESAS-UPD703041 Datasheet
734Kb / 51P
   MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD703041GM NEC-UPD703041GM Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703041GM-XXX-UEU RENESAS-UPD703041GM-XXX-UEU Datasheet
734Kb / 51P
   MOS INTEGRATED CIRCUIT
2000
UPD703041GM-XXX-UEU-A RENESAS-UPD703041GM-XXX-UEU-A Datasheet
734Kb / 51P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD703041

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703039 NEC-UPD703039 Datasheet
292Kb / 9P
   V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703034A NEC-UPD703034A Datasheet
356Kb / 31P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703037A NEC-UPD703037A Datasheet
332Kb / 28P
   V850/SB2TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3017A NEC-UPD70F3017A Datasheet
337Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703014A NEC-UPD703014A Datasheet
309Kb / 8P
   V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100-33 NEC-UPD703100-33 Datasheet
752Kb / 126P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com