Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD72001L-11 Datasheet(PDF) 4 Page - NEC

Part # UPD72001L-11
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001L-11 Datasheet(HTML) 4 Page - NEC

  UPD72001L-11 Datasheet HTML 1Page - NEC UPD72001L-11 Datasheet HTML 2Page - NEC UPD72001L-11 Datasheet HTML 3Page - NEC UPD72001L-11 Datasheet HTML 4Page - NEC UPD72001L-11 Datasheet HTML 5Page - NEC UPD72001L-11 Datasheet HTML 6Page - NEC UPD72001L-11 Datasheet HTML 7Page - NEC UPD72001L-11 Datasheet HTML 8Page - NEC UPD72001L-11 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
µPD72001-11, 72001-A8
4
PIN CONFIGURATION (Top View)
• 40-pin plastic DIP (600 mil) :
µPD72001C-11, µPD72001C-A8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DCDA
D7
D6
D5
D4
D3
D2
D1
D0
GND
WR
RD
C/D
B/A
PRO
PRI
INTAK
INT
CTSB
DCDB
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CTSA
RXDA
XI1A/STRXCA
XI2A/SYNCA
TRXCA
TXDA
RTSA
DRQRXA
RESET
CLK
VDD
DRQTXA
DTRA/DRQTXB
DTRB/DRQRXB
RTSB
TXDB
XI2B/SYNCB
XI1B/STRXCB
RXDB
TRXCB
• 44-pin plastic QFP (10
× 10 mm) :
µPD72001G-11-22, µPD72001G-A8-22
1
2
3
4
5
6
7
8
9
10
11
RTSB
DTRB/DRQRXB
DTRA/DRQTXB
DRQTXA
VDD
VDD
CLK
RESET
DRQRXA
RTSA
TXDA
33
32
31
30
29
28
27
26
25
24
23
PRO
B/A
C/D
RD
WR
GND
GND
D0
D1
D2
D3
44 43 42 41 40 39 38 37 36 35 34
12 13 14 15 16 17 18 19 20 21 22
IC: Internally Connected (Leave this pin unconnected)


Similar Part No. - UPD72001L-11

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720100A NEC-UPD720100A Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100A RENESAS-UPD720100A Datasheet
446Kb / 34P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8ED NEC-UPD720100AGM-8ED Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100AGM-8ED RENESAS-UPD720100AGM-8ED Datasheet
446Kb / 34P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8EY NEC-UPD720100AGM-8EY Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD72001L-11

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505AN SIPEX-SP505AN Datasheet
614Kb / 30P
   Multi-Protocol Serial Transceivers
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
   MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
   MGM240S Multi-Protocol Wireless
Rev. 1.0
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
   Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com